Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7832GS Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7832GS
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832GS Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7832GS Datasheet HTML 6Page - Leadtrend Technology LD7832GS Datasheet HTML 7Page - Leadtrend Technology LD7832GS Datasheet HTML 8Page - Leadtrend Technology LD7832GS Datasheet HTML 9Page - Leadtrend Technology LD7832GS Datasheet HTML 10Page - Leadtrend Technology LD7832GS Datasheet HTML 11Page - Leadtrend Technology LD7832GS Datasheet HTML 12Page - Leadtrend Technology LD7832GS Datasheet HTML 13Page - Leadtrend Technology LD7832GS Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LD7832
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
Ramp Generator Block and Zero Current
Detection (ZCD)
Fig. 3 shows typical ramp generator block and ZCD
block. The COMP pin voltage and the output of the ramp
generator
block
are
compared
to determine
the
MOSFET On-time, as shown in Fig. 4.
The LD7832 features transition mode operation. The
zero current detection block circuit detects the ZCD
signal to turn on the MOSFET soon after the voltage
across ZCD falls to 1V and also the current through the
inductor reaches zero. Instead, if there’s no signal
detected within 70
s, the time-out will generate a signal
to turn on MOSFET to ensure the system operate
properly.
PWM Comparator
R
S
OCP
1V/1.3V
Ramp
Generator
1V
Comparator
Comp
Q
GM
Fmax
Limit
Time
Out
Vref
ZCD
FB
Max On
Limit
Fig. 3
During the delay time as shown in Fig. 4, the junction
capacitor of the MOSFET resonates with the inductor
and
the
drain-source
voltage
(VDS)
decreases
accordingly. So, the MOSFET consumes less voltage
and the power dissipation will be minimized.
As recommended in Fig. 1, only one resistor (RZCD) is
required to connect ZCD pin in series with the inductor
to detect the inductor signal and protect ZCD pin from
damage. It makes the circuit simple and easy to design
with. Fig. 4 shows the related waveforms between the
changing inductor voltage and ZCD voltage. ZCD pin is
clamped at 5.3V or 0.3V in accordance with various
inductor voltages
.
IPEAK
TON
TDIS
Inductor
Current
Inductor
Voltage
VDS
0A
0V
0V
VOUT-VIN
Delay Time
VOUT
VIN
Minimum
Voltage Turn-on
OUT
VCOMP
RAMP
ZCD
Voltage
1V
5.3V
0.3V
Fig. 4
LED Short Protection (ZCD UVP)
– Auto
Recovery
To protect the circuit from damage due to LED short
condition, an auto-recovery type of ZCD UVP protection
is implemented for it. Fig. 5 shows the waveforms of the
ZCD UVP operation. In LED short condition, the
reflected output voltage of inductor will cause ZCD
voltage drop. If the ZCD voltage sinks below 4.3V for
more than the delay time of ZCD UVP, the protection will
be activated to turn off the gate until the 4th cycle of Vcc
hiccup is tripped. The ZCD UVP delay time is to prevent
the false-triggering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com