Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7832GS Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD7832GS
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832GS Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD7832GS Datasheet HTML 2Page - Leadtrend Technology LD7832GS Datasheet HTML 3Page - Leadtrend Technology LD7832GS Datasheet HTML 4Page - Leadtrend Technology LD7832GS Datasheet HTML 5Page - Leadtrend Technology LD7832GS Datasheet HTML 6Page - Leadtrend Technology LD7832GS Datasheet HTML 7Page - Leadtrend Technology LD7832GS Datasheet HTML 8Page - Leadtrend Technology LD7832GS Datasheet HTML 9Page - Leadtrend Technology LD7832GS Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LD7832
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum (ON+OFF)-Time,
FSW,MAX (ZCD Pin)
FSW,MAX
(1)
Minimum (ON+OFF)-Time
200
-
300
KHz
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, IO=20mA
-
-
0.5
V
Output High Level
VCC=15V, IO=20mA
8
-
VCC
V
Output High Clamp Level
VCC=16V
12
13
14
V
Rising Time
(1)
VCC =15V, CL=1nF
-
100
-
ns
Falling Time
(1)
VCC =15V, CL=1nF
-
25
-
ns
Starter
Start Timer Period
60
75
90
s
OTP (Over Temp. Protection)
OTP Trip Level
(1)
135
145
155
C
OTP Hysteresis
(1)
20
30
40
C
Note: (1) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com