Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7889A Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD7889A
Description  4-Channel LED Backlight Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7889A Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD7889A Datasheet HTML 2Page - Leadtrend Technology LD7889A Datasheet HTML 3Page - Leadtrend Technology LD7889A Datasheet HTML 4Page - Leadtrend Technology LD7889A Datasheet HTML 5Page - Leadtrend Technology LD7889A Datasheet HTML 6Page - Leadtrend Technology LD7889A Datasheet HTML 7Page - Leadtrend Technology LD7889A Datasheet HTML 8Page - Leadtrend Technology LD7889A Datasheet HTML 9Page - Leadtrend Technology LD7889A Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LD7889A
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7889A-DS-00 March 2012
Electrical Characteristics
(VIN=24V, TA=25C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Power
Input Voltage range
4.5
36
V
VIN Operating Current
EN=PWM=5V
10
mA
VIN Shutdown Current
EN=PWM=0V
2
10
A
VIN Stand-By Current
EN=5V, PWM=0V
600
800
A
Under Voltage Lockout
Lockout Threshold
VREFLOCKOUT
3.6
4.1
4.2
V
Resume Threshold
VREFRESUME
4.2
4.4
4.6
V
Reference Voltage
Reference Voltage
VREF, VIN>6V
5.25
5.5
5.75
V
VREF Output Current Capability
IVREF
30
mA
Drive Logic
GATE Sink Resistance
VIN>6V
1
3.5
5
GATE Source Resistance
VIN>6V
1
5
9
Minimum MOSFET ON Time
150
ns
LED Current Regulation
Regulation LED Current per Channel
ISET=12K ,KISET=1200
Chip to chip average current
92
100
108
mA
Voltage at ISET pin
1.225
1.25
1.275
V
LEDs Current Matching
LED current=100mA
Calculating:
%
100
I
2
I
I
Average
MIN
MAX
2
%
LED regulation voltage
ILED=100mA/per channel
300
350
mV
LED regulation voltage
ILED=240mA/per channel
550
650
mV
Boost Controller
Adjustable Switching frequency
100
1000
kHz
Default Switching frequency
RRT =260k
180
200
220
kHz
Leading edge blanking time
150
ns
Voltage at RT pin
1.176
1.2
1.224
V
Boost Maximum duty cycle
Fsw=500kHz
90
93
96
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com