Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7889A Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7889A
Description  4-Channel LED Backlight Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7889A Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7889A Datasheet HTML 6Page - Leadtrend Technology LD7889A Datasheet HTML 7Page - Leadtrend Technology LD7889A Datasheet HTML 8Page - Leadtrend Technology LD7889A Datasheet HTML 9Page - Leadtrend Technology LD7889A Datasheet HTML 10Page - Leadtrend Technology LD7889A Datasheet HTML 11Page - Leadtrend Technology LD7889A Datasheet HTML 12Page - Leadtrend Technology LD7889A Datasheet HTML 13Page - Leadtrend Technology LD7889A Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LD7889A
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7889A-DS-00 March 2012
The peak inductor current is sensed by measuring the
voltage across the current-sense resistor RCS, which is
connected from the source of external MOSFET to ground.
LD7889A features leading edge blanking time to suppress
the switching noise from the external MOSFET. A PWM
comparator compares the current-sense voltage and the
slop compensation signal with the output of the GM error
amplifier. The device will turn off the external MOSFET
when the voltage over CS exceeds the error amplifier’s
output voltage. This process repeats in every switching
cycle to achieve peak current-mode control.
Programming the LED Current
The LED current is programmable by placing a resistor
between the ISET pin and ground. The ISET pin resistor is
recommended to select in the range from 5k
 to 60k.
Set the desired LED current according to the following
equation:
)
k
(
R
1200
)
mA
(
I
ISET
LED
Fig. 11 LED Current vs. RISET
RISET (K
)
120
160
200
240
0
40
80
0
20
40
60
80
100
120
Switching Frequency Selection
LD7889A can operate in fixed frequency mode. The
constant operation frequency is set by an external resistor
connected between RT pin and ground. The resistor sets
the charging current for internal oscillator.
)
k
(
RT
52000
)
kHz
(
FSW
Fig. 12 Frequency vs. RT
RT
(K
)
0
200
400
600
800
1000
0
200
400
600
800
1000
PWM dimming
PWM dimming control is achieved by applying an external
PWM signal of 100Hz to 25kHz to the PWM pin.
Power Sequence and Timing Chart
That is, the supply voltage must be applied to VIN pin
before the dimming signal (to DIM pin) by at least 1ms
and then the shutdown signal ( to EN pin). Please follow
the proper power sequence in below timing chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com