Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7889A Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7889A
Description  4-Channel LED Backlight Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7889A Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7889A Datasheet HTML 1Page - Leadtrend Technology LD7889A Datasheet HTML 2Page - Leadtrend Technology LD7889A Datasheet HTML 3Page - Leadtrend Technology LD7889A Datasheet HTML 4Page - Leadtrend Technology LD7889A Datasheet HTML 5Page - Leadtrend Technology LD7889A Datasheet HTML 6Page - Leadtrend Technology LD7889A Datasheet HTML 7Page - Leadtrend Technology LD7889A Datasheet HTML 8Page - Leadtrend Technology LD7889A Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LD7889A
3/29/2012
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7889A-DS-00 March 2012
4-Channel LED Backlight Driver
REV: 00
General Description
The LD7889A is a 4-channel linear current controller
which combines with a boost switching controller. It’s an
ideal solution for driving high power LED backlights. The
LD7889A can deliver high accuracy of constant current to
4 LED strings with 4 internal MOSFET. For each LED
string, the current is adjustable to drive up to 240mA.
The LD7889A incorporates 4 individual current regulator
channels to give accurate driving current for each LED
string. The string-to-string tolerance is set within
2%.
PWM input pin controls LED brightness from PWM control
signals.
The other features include LED short and open protection,
cycle by cycle current limit, and thermal shutdown.
Features
Input Voltage range: 4.5V to 36V
Drives up to 4 strings in parallel, up to 240mA per
string
Time-shift PWM dimming control
External PWM dimming control
LED short circuit protection
LED open string protection
MOSFET over-current protection
Over-temperature protection
Status output
Applications
UMPC and Notebook Computer Backlight
Backlight for GPS, Portable DVD
LED Backlight for LCD Monitor/ TV
Typical Application
Fig.1 Typical Circuit for 4 Strings of LED Line Bar


Similar Part No. - LD7889A

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD780 LIGHTGRAPHIX-LD780 Datasheet
2Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD780-E3-350 LIGHTGRAPHIX-LD780-E3-350 Datasheet
2Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD780-E3-500 LIGHTGRAPHIX-LD780-E3-500 Datasheet
2Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD780-F1-350 LIGHTGRAPHIX-LD780-F1-350 Datasheet
2Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD780-F1-500 LIGHTGRAPHIX-LD780-F1-500 Datasheet
2Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
More results

Similar Description - LD7889A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8843 AD-ADM8843 Datasheet
330Kb / 16P
4 White LED Backlight Driver
10/04-Revision 0
logo
NXP Semiconductors
UBA3070 NXP-UBA3070 Datasheet
78Kb / 13P
LED backlight driver IC
Rev. 02-2 December 2008
logo
Microsemi Corporation
LX24232 MICROSEMI-LX24232 Datasheet
52Kb / 2P
32 Channel BackLight LED Driver
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
10 Channel LED Backlight Driver
logo
ON Semiconductor
NCS29001 ONSEMI-NCS29001 Datasheet
208Kb / 16P
LED Backlight Driver
October, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
LED Backlight Driver
Rev 0; 9/14
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
LED Backlight Driver
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
LED Backlight Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com