Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP8266 Datasheet(PDF) 73 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 73 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 69Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 70Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 71Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 72Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 73Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 74Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 75Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 76Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 77Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 117 page
background image
!
8. HSPI Host Multi-device API
8.3. API Description
Names of the connection modes supported by the system are defined by macro definitions
in
\app\include \driver\spi_overlap.h.
•
HSPI_CS_DEV (HSPI default IO)
•
SPI_CS1_DEV (SPI OVERLAP and CS1)
•
SPI_CS2_DEV (SPI OVERLAP and CS2)
Operation with the Flash is defined as SPI_CS0_FLASH. If HSPI operates with two user
devices, the API function is shown as below:
void hspi_master_dev_init(uint8 dev_no,uint8 clk_polar,uint8 clk_div)
HSPI Default IO
MTDI
MISO
MTMS
CLK
SPI OVERLAP and CS1
U0TXD
CS1
SD_CLK
SCLK
SD_DATA0
MISO
SD_DATA1
MOSI
SPI OVERLAP and CS2
GPIO0
CS2
SD_CLK
SCLK
SD_DATA0
MISO
SD_DATA1
MOSI
Mode
Pin Name of Host ESP8266
SPI bus Signal Line
! Note:
The pins used when HSPI operates with the Flash in OVERLAP mode is completely the same with that of SPI
communication.
Function
This function is used to initialize connection of HSPI host. Altogether four user devices can be
operated. If multi devices communicate with the host using SPI communication mode, the
function should be called each time when that certain device is operated.
Location
Defined in directory
\app\include\driver\spi_overlap.h, implemented in directory \app\driver
\spi_overlap.c.
Espressif
! /!
65 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com