Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP8266 Datasheet(PDF) 83 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 83 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 79Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 80Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 81Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 82Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 83Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 84Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 85Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 86Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 87Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 117 page
background image
!
10. I2S Module Description
10.2.3. SLC Module Configuration
10.2.3.1.Basic Configuration
The SLC module provides the ESP8266 with DMA service of several modules.
Follow the instructions below so that the SLC module is used for the FIFO transmission of
I2S.
•
Set Bits 12~13 (SLC_MODE) of the SLC_CONF0 to 01.
•
Set Bit 17 (SLC_INFOR_NO_REPLACE) and Bit 16 (SLC_TOKEN_NO_REPLACE) of
the SLC_RX_DSCR_CONF to 01.
10.2.3.2.Write The First Address
Bits 0~19 of SLC_RX_LINK (SLC_TX_LINK) register are the first 20 bits of the Rx (Tx)
registration list address. The first address of the registration list should be written to be the
register before the SLC hardware is started.
10.2.3.3.Start The SLC Transmission
Bit 29 of SLC_RX_LINK (SLC_TX_LINK) register is the control bit for starting the SLC
transmission. In the cache space, register a link list and write the first 20 bits of the link
table address to the hardware, and then set bit 29 to 1 to start the SLC transmission.
10.3. API Function Description
The following functions can be found in:
/app/driver/i2s.c and /app/include/driver/i2s.h
eof
Flag of frame end for the end of AMPDU sub-frame the mark isn't needed).
When the MAC transports the frames, it's used in the end of the frame. For
the link in the position of eof the buffer_length[11:0] should be equal to the
length of the remaining frame; otherwise, the mac will report an error.
When the MAC receives the frames, it's used to indicate that the frame has
been received completely and the value is set by hardware.
sub_sof
Flag of sub-frame start. It’s used to differentiate different sub-frames in the
AMPDU. It’s only for MAC transport.
length[11:0]
The actual size of the buffer.
size[11:0]
The total size of the buffer.
buf_ptr[31:0]
The start address of the buffer.
next_link_ptr[31:0]
The start address of the next descripter. When the MAC is receiving the flame, the
value is “0”, indicating that there is no empty buffer to receive any flames.
Field name
Description
Espressif
! /!
75 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com