Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP8266 Datasheet(PDF) 86 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 86 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 82Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 83Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 84Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 85Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 86Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 87Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 88Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 89Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 90Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 117 page
background image
!
11. UART Introduction
11.
UART Introduction
11.1. Functional Overview
There are two group ESP8266 UART interfaces, respectively:
•
UART0:
- U0TXD: pin26 (U0TXD)
- U0RXD: pin25 (U0RXD)
- U0CTS: pin12 (MTCK)
- U0RTS: pin13 (MTDO)
•
UART1:
- U1TXD: pin14 (GPIO2)
The basic working process of transmission FIFO:
As long as there has data filling into transmission FIFO, it will immediately start sending
process.Since transmission itself is a relatively slow process,other data can be sent to the
transmission FIFO simultaneously. Data sending should be paused when the transmission
FIFO is full ,or it will cause data loss.Transmission FIFO will sent out one by one in
accordance with the order of the data filling in,until the transmission FIFO is completely
empty.Data has been sent will be automatically cleared, at the same time transmission FIFO
will be more of a vacancy.
The basic working process of receiver FIFO:
When the hardware logic receives the data, it will fill them into receiver FIFO. Program
should withdraw the data timely ,the data-dequeue is also a process of deleting data from
FIFO automatically,thus, there will be one more vacancy in receiver FIFO. If the data in the
receiver FIFO can not be removed in time, the receiver FIFO will be full which makes data
loss.
Scenario:
UART0 works as data communication interface and UART1 woks as debug port.
Espressif
! /!
78 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com