Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSP1 Datasheet(PDF) 12 Page - RFbeam Microwave GmbH

Part # RSP1
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1 Datasheet(HTML) 12 Page - RFbeam Microwave GmbH

Back Button RSP1 Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 9Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 10Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 11Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 12Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 13Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 14Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 15Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 16Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
7.5 Serial Debug Interface
Debug interface provides highspeed parameter access as well as streaming output of I and Q signals
and FFT results signals over a serial UART interface.
This is a 3.3V asynchronous UART interface:
Pins:
Input: DEBUG_RX, output DEBUG TX
Physical data: 460'800Baud (parameter S0B), 8 databit, 1 stopbit, no parity, no handshake.
Protocols:
- Streaming protocol,
supported by RSP_Scope tool. (see chapters below)
- Client-server protocol supported by RSP_Scope and RSP_Terminal tool
- Bootloader protocol.
Proprietary, for use with RSP_PROG tool
7.5.1 Cyclic Signal Streaming
Cyclic signal streaming is a continuous data stream with no host intervention except start and stop.
This mode is initiated by commands D0001 and D0002 the Host Command Interface .
RSP1 then outputs cyclic binary data frames on Debug Interface.
Cyclic output stops at command D000.
Protocol Item
Binary data items on line DEBUG_TX
Format
Comment
Sync Header
0x24, 0x02, 0xa2, 0xe1, 0x5a, 0xd6, 0x19
7 Bytes
Mode Byte
0x7a or 0x7f
1 Byte
D00x1 or D00x2
1024 or 2048 bytes
for "Scope" display
FFT spectrum
bin -128
bin -127
…..
bin 127
High, Low Byte
Data Byte 0, 1
Note 1)
.
.
Data Byte 254, 255
Threshold
bin -128
bin -127
…..
bin 127
High, Low Byte
Data Byte 256, 257
Note 1)
.
.
Data Byte 510, 511
I signal
sample 0
sample 1
….
sample 255
High, Low Byte
Data Byte 512, 767
Note 2)
Data Bytes 766, 767
Q signal
sample 0
sample 1
….
sample 255
High, Low Byte
Data Bytes 768, 769
Note 2)
Data Bytes 1022, 1023
2 data bytes
strongest object
speeds
Forward frequency peak index 0 to 127
1 Byte
0: no peak, >0 speed
Backward frequency peak index 0 to 127
1 Byte
0: no peak, >0 speed
Table 5: Debug cyclic and single shot protocol
Note 1): FFT and Threshold values are unsigned integers, ranging from 0 to 437. These are logarithmic magnitude values
from 0 to 43.7. --> 0 ... 4.37. See chapter 5.4 Internal signal representation for more details on conversions.
Note 2): Present only at commands D0002 and D012.
Streamed I/Q signals are for display and debug purposes because signals may not be continuous.
I/Q Signals come as 16 bit signed interger format (2th complement) and left shifted by 4 bits.
Example: sent 0x0120 must be interpreted: 0x012 (i.e. divide received value by 16).
7.5.2 Single Shot Signal Streaming (recommended)
Single shot streaming is a client server protocol.
This mode is initiated by commands D0011 and D0012 at the Debug or Host Command Interface.
RSP1 then outputs one binary data frame on Debug Interface.
Data frame is the same as in the cyclic protocol described before.
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
12/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com