Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSP1 Datasheet(PDF) 14 Page - RFbeam Microwave GmbH

Part # RSP1
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1 Datasheet(HTML) 14 Page - RFbeam Microwave GmbH

Back Button RSP1 Datasheet HTML 10Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 11Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 12Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 13Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 14Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 15Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 16Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 17Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 18Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
8.3 Parameter List
8.3.1 8 Bit Parameters
All values are in hexadecimal notation! Except values marked with *. Column "R": needs reset
Param. 1)
default min max Function
Description
R
Class A
(EEPROM)
Application Parameters
End-User specific settings in final application
A00
00
00
00
reserved
reserved for future use
A01
01
00
09
hold time
9: maximum hold time of detection output
A02
09
00
09
sensitivity
9: maximum detection sensitivity
A03
03
00
09
immunity
9: maximum immunity against interference
A04
00
00
00
reserved
reserved for future use
A05
00
00
02
direction
0: approaching; 1: receding; 2: both
A06 V1.8
00
00
7F
low frequency (=speed) limit
0: inactive; >0: Low limit (unit = FFT bin: see chapter
8.4 )
A07 V1.8
00
00
7F
high frequency (=speed) limit
0: inactive; >0: High limit (unit = FFT bin: see chapter
8.4 )
A08 … A0F 00
00
00
reserved
reserved for future use
Class S
(EEPROM)
System Parameters
Application specific parameters
S00
00
00
01
sensor type
0: stereo I/Q sensor; 1: mono sensor (1 channel)
x
S01
00
00
01
Use alternate analog port
1: ADC input on pin 2 and 3 instead of pin 44 and pin 1
x
S02
01
00
01
FFT average
1: averaging on
S03
02
01
0A
sampling rate
rate = value*1280Hz. except 9: 11.264kHz; A: 22.53kHz
x
S04
10
01
40
start up learn
noise learn cycles after reset
x
S05
01
01
02
active sensors
reserved
x
S06
01
00
01
sensitivity pot
1: use potentiometer for sensitivity setting
x
S07
01
00
01
hold time pot
1: use potentiometer for hold time setting
x
S08
01
00
01
bandwidth
1: low bandwidth (digital output used for external filter)
S09
04
00
03
ADC gain
gain = 2^n: 0 -->1; 1-->2; 2-->4; 3-->8; 4-->16
x
S0A
38
20
50
minimum trigger margin
minimum margin between noise and max. sensitivity
x
S0B
00
00
00
baudrate serial debug port
0:460800; 1:115200; 2: 38400
x
S0C V1.8 00
00
FF
threshold adapt. speed
00:max. depending on sampling rate; >0: n*500ms / dB
S0D … S1F 00
00
00
reserved
reserved for future use
Class R
(immediate)
Real-Time Read Params
Read only parameters
R00
-
00
01
detection active?
1: detection output active (includes hold time)
R01
-
00
FF
detection speed
>0 peak position (FFT bin #)
R02
0
FF
noise level mean
arithmetic mean over all FFT bins
R03
-
00
02
operation state?
start up; learn; run
R04
-
00
FF
software version
major.minor version (x.0 are preliminary versions)
R10
*
--
--
software version string
Full software version and date string. Max 40 characters
R11
*
--
--
result string
SpeedFW, SpeedBW, MagFW, MagBW<CR>
R20
*
--
--
get EEPROM hex string
Full 512 EEPROM bytes in Intel hex format
1) Vx.y Parameter added in Firmware Version Vx.y
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
14/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com