Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSP1 Datasheet(PDF) 18 Page - RFbeam Microwave GmbH

Part # RSP1
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1 Datasheet(HTML) 18 Page - RFbeam Microwave GmbH

Back Button RSP1 Datasheet HTML 14Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 15Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 16Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 17Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 18Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 19Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 20Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 21Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 22Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
11 Related Support Tools
For more details, please refer to the RSP_Eval-Kit User Manual.
11.1 RSP_Eval-Kit
This evaluation kit demonstrates applications of RSP1 with a large number of K-LCx sensor devices.
It is fully documented including schematics and PCB layout.
Indicators
D1
D2
D3
Power LED
Busy LED (start-up)
Detection LED
Connectors
X1
X2
X3
X4
X5
X6
X7a
X7b
Xp
K-LCx sensor connector
Backside K-LCx connector
K-MCx sensor connector
Digital output connector
DC Supply input 6 .. 12V
Digital I/O (SPI in preparation)
Serial Command (RSP_Terminal)
Serial Debug (RSP_Scope)
Reserved / Reset
Settings
P1
P2
SW
J1
J2
Sensitivity pot
Hold time pot
Mode switch
Sensor supply volage
Optional for mono sensor
Fig. 12: RSP1 Evaluation Kit
Evaluation kit contains the following software tools:
11.1.1 RSP_Terminal Software
This Windows software allows exploring and setting RSP1 parameters via the serial "Host command
Interface".
11.1.2 RSP_Scope Software
This Windows software is a virtual oscilloscope for viewing internal FFT signals, thresholds, I/Q time
domain signals.
It also allows setting parameters and exploring graphically their function.
11.1.3 RSP_Prog Software
This Windows software allows RSP parameter exchange with a PC.
It also includes an RSP1 chip software update utility.
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
18/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com