Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS7755 Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS7755 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
FS7755
Rev. 1.1
5/22
9
RESET
Reset Pin for the FS7755. A logic low on this pin will hold the ADCs and digital circuitry
in a reset condition. Bringing this pin logic low will clear the FS7755 internal registers.
10
REFIN/OUT
This pin provides access to the on-chip voltage reference. The on-chip reference has a
nominal value of 2.5V ± 8% and a typical temperature coefficient of 30ppm/℃. An
external reference source may also be connected at this pin. In either case, this pin
should be decoupled to AGND with a 10μF ceramic capacitor and 100nF ceramic
capacitor.
11
AGND
This provides the ground reference for the analog circuitry in the FS7755, i.e., ADCs
and reference. This pin should be tied to the analog ground plane of the PCB. The
analog ground plane is the ground reference for all analog circuitry, e.g., anti-aliasing
filters and current and voltage transducers. For good noise suppression, the analog
ground plane should only connect to the digital ground plane at one point. A star ground
configuration will help to keep noisy digital currents away from the analog circuits.
12
SCF
Select Calibration Frequency. This logic input is used to select the frequency on the
calibration output CF. Table Ⅳ shows how the calibration frequencies are selected.
13, 14
S1, S0
These logic inputs are used to select one of four possible frequencies for the Power to
Impulse Converter. This offers the designer greater flexibility when designing the energy
meter. See Selecting a Frequency for an Energy Meter Application section.
15, 16
G1, G0
These logic inputs are used to select one of four possible gains for Channel 1, i.e., V1.
The possible gains are 1, 8, 16 and 32. See Analog Input section.
17
CLKIN
An external clock can be provided at this logic input. Alternatively, a parallel resonant
crystal can be connected across CLKIN and CLKOUT to provide a clock source for the
FS7755. The clock frequency for specified operation is 3.579545MHz. Crystal load
capacitance of between 22pF and 33pF (ceramic) should be used with the gate
ill t
i
it
18
CLKOUT
A crystal can be connected across this pin and CLKIN as described above to provide a
clock source for the FS7755. The CLKOUT Pin can drive one CMOS load when an
external clock is supplied at CLKIN or by the gate oscillator circuit.
20
REVP
This logic output will go logic high when negative power is detected, i.e., when the
phase angle between the voltage and current signals is greater than 900. This output is
not latched and will be reset when positive power is once again detected. The output will
go high or low at the same time as a impulse is issued on CF.
21
DGND
This provides the ground reference for the digital circuitry in the FS7755, i.e., DSP. This
pin should be tied to the digital ground plane of the PCB. The digital ground plane is the
ground reference for all digital circuitry, e.g., counters (mechanical and digital), MCUs,
and indicator LEDs or LCDs. For good noise suppression, the analog ground plane
hld
l b
t d t th di it l
d l
t
i t
l
t
22
CF
Calibration Frequency Logic Output. The CF logic output gives instantaneous real
power information. This output is intended to be used for calibration purposes. Also see
SCF Pin description.
23, 24
F2, F1
Low Frequency Logic Outputs. F1 and F2 supply average real power information. The
logic outputs can be used to directly drive electromechanical counters and two-phase
stepper motors. See Transfer Function section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com