Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS7755 Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
FS7755
Rev. 1.1
7/22
9.
Absolute Maximum Ratings*
(TA = 25℃ unless otherwise noted.)
AVDD to AGND.……………………………………………..…………..….…………………………….. –0.3V to +7V
DVDD to DGND.…………………..…………………………………….…………….….……………… ..–0.3V to +7V
DVDD to AVDD.………………………………………………………….……………………..…………. .–0.3V to +0.3V
Analog Input Voltage to AGND, V1P, V1N, V2P, and V2N.……………………………………………. –6V to +6V
Reference Input Voltage to AGND.…………………………………….……….………..………–0.3V to AVDD + 0.3V
Digital Input Voltage to DGND.……………………………………….……….……..………..… –0.3V to DVDD + 0.3V
Digital Output Voltage to DGND………………………………………..………..…………..…. –0.3V to DVDD + 0.3V
Operating Temperature Range
Industrial…………………………………………………………...…………………...………….-40℃ to +85℃
Storage Temperature Range………………………………………………..…………………………..-65℃ to +150℃
Junction Temperature……………………………………………………………..……………………………….150℃
24-Lead SSOP:
Power Dissipation………………………………………………………………………………………….450mW
θJA Thermal Impedance………………………………………………………………………………….112℃/W
Lead Temperature, Soldering
Phase Vapor(60sec)……..…………………………………………………………………………..215℃
Infrared(15sec)………………………………………………………………………………………..220℃
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
This is a stress rating only; functional operation of the device at these or any other conditions above those
listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
10.
Electrical Characteristics
(AVDD = DVDD = 5V ± 5%, AGND = DGND = 0V, On-Chip Reference, CLKIN = 3.579545MHz, Tmin to Tmax =
-40℃ to +85℃.)
Parameter
Specification
s
Unit
Test Conditions/Comments
Accuracy
1, 2
Measurement Error
1 on Channel 1
Channel 2 with Full-Scale Signal (±660 mV), 25℃
Gain = 1
0.1
% Reading typ Over a Dynamic Range 500 to 1
Gain = 8
0.1
% Reading typ Over a Dynamic Range 500 to 1
Gain = 16
0.1
% Reading typ Over a Dynamic Range 500 to 1
Gain = 32
0.1
% Reading typ Over a Dynamic Range 500 to 1
Line Frequency = 45Hz to 65Hz
AC Power Supply Rejection
1
Output Frequency Variation (CF)
0.2
% Reading typ V1 = 100mVrms, V2 = 100mVrms, @50Hz
Ripple on AVDD of 200mVrms @100Hz
S0 = S1 = 1, G0 = G1 = 0
DC Power Supply Rejection
1
Output Frequency Variation (CF)
±0.3
% Reading typ V1 = 100mVrms, V2 = 100mVrms,
AVDD = DVDD = 5V ± 250mV
Analog Inputs
See Analog Inputs section
Maximum Signal Levels
±1
V max
V1P, V1N, V2N, and V2P to AGND
Input Impedance (DC)
390
kΩ min
CLKIN = 3.579545MHz
Bandwidth (–3dB)
14
kHz typ
CLKIN/256, CLKIN = 3.579545MHz
ADC Offset Error
1, 2
±25
mV max
Gain = 1, See Terminology and Performance Graphs
Gain Error
1
±7
% Ideal typ
External 2.5 V Reference, Gain = 1
V1 = 470mVdc, V2 = 660mVdc
Gain Error Match
1
±0.2
% Ideal typ
External 2.5 V Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com