Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS7755 Datasheet(PDF) 8 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 8 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 12Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
FS7755
Rev. 1.1
8/22
Parameter
Specifications
Unit
Test Conditions/Comments
Reference Input
REFIN/OUT Input Voltage Range
2.7
V max
2.5V + 8%
2.3
V min
2.5V – 8%
Input Impedance
3.2
kΩ min
Input Capacitance
10
pF max
On-Chip Reference
Nominal 2.5V
Reference Error
±200
mV max
Temperature Coefficient
±30
ppm/℃ typ
CLKIN
Note:
Input Clock Frequency
4
MHz max
All Specifications for CLKIN of 3.579545MHz
1
MHz min
Logic Inputs
3
SCF,SO,S1,RESET,GO,and G1
Input High Voltage, VINH
2.4
V min
DVDD = 5V ± 5%
Input Low Voltage, VINL
0.8
V max
DVDD = 5 V ± 5%
Input Current, IIN
± 3
μA max
Typically 10nA, VIN = 0 V to DVDD
Input Capacitance, CIN
10
pF max
Logic Output
3
F1 and F2
Output High Voltage, VOH
4.5
V min
ISOURCE = 10mA
DVDD = 5V
Output Low Voltage, VOL
0.5
V max
ISINK = 10mA
DVDD = 5V
CF and REVP
Output High Voltage, VOH
4
V min
ISOURCE = 5mA
DVDD = 5V
Output Low Voltage, VOL
0.5
V max
ISINK = 5mA
DVDD = 5V
Power Supply
For Specified Performance
AVDD
4.75
V min
5V – 5%
5.25
V max
5V + 5%
DVDD
4.75
V min
5V – 5%
5.25
V max
5V + 5%
AIDD
3
mA max
Typically 2mA
DIDD
2.5
mA max
Typically 1.5mA
Note:
1See Terminology section for explanation of specifications.
2See Plots in Typical Performance Graphs.
3Sample tested during initial release and after any redesign or process changes that may affect this parameter.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com