Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9721_LP1 Datasheet(PDF) 30 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 30 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 34Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
FS9721_LP1
Rev. 2.0
31/41
R17
99
R16
0.99
R29
0.01
uA/mA
0.5A/250V
10A
10A/250V
J11
J10
COM
ADPC1
SA
SGND
FS9721_LP1
R18
1k
_
+
R9
90k
R8
10k
OP1O
OP1N
Diagram 27
Current Measurement(B)
In TSTB connecting to VSS mode, the current signal enters IC from SA.
When doing the current measurement, The sampling resistance of μA mode is R16+R17+R29,
the sampling resistance of mA mode is R16+R29, and the sampling resistance of 10A mode is R29.
They are measured respectively through the mode switch. When measuring μA, J10 is open and
J11 is close; when measuring mA, J11 is open and J10 is close; the large current enters directly via
10A port.
The maximum reduced voltage for μA, mA and 10A modes is 0.4V.
These voltages are input voltage comparator to compare. If the voltage is smaller than 40mV, it
will be sent to ×10 times ampifier to amplify, then sent to A/D converter; if the voltage is larger than
40mV, the system will work the auto-ranging signal, and jump up one mode under the control of
microprocessor and send the current signal directly to the A/D converter.
The accuracy of resistance R16, R17, R29, R8 and R9 affects the accuracy of the current
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com