Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9721_LP1 Datasheet(PDF) 39 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 39 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 39Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 40Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 41Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
FS9721_LP1
Rev. 2.0
40/41
8. FS9721_LP1 Measurement Mode:
MEA4 MEA3 MEA2 MEA1
Function Mode
ADPC2=0
ADPC2=1
Select(1->0->1)
Hz / duty
0
0
0
1
DCV
Hz / duty
0
0
1
0
ACV
Hz / duty
0
0
1
1
Ohm
0
1
0
0
Hz/Duty
Hz / duty
0
1
0
1
CAP
0
1
1
0
Beep / Diode
Beep / Diode
Diode / Beep
Beep / Diode
0
1
1
1
uA
AC/DC
DC/AC
DC/AC
Hz / duty
1
0
0
0
V
AC/DC
DC/AC
DC/AC
Hz / duty
1
0
0
1
Ohm/Diode/
Beep/CAP
Diode/Beep/
CAP/Ohm
Ohm/Diode/
Beep/CAP
Ohm/Diode/
Beep/CAP
Hz / duty
1
0
1
0
A
AC/DC
DC/AC
DC/AC
Hz/duty
1
0
1
1
mA
AC/DC
DC/AC
DC/AC
Hz/duty
1
1
0
0
Diode
1
1
0
1
Beep
1
1
1
0
hFE
1
1
1
1
Temp 2
1.
hFE is input 400.0mV from ADP(pin7) and AGND.
2.
Temp. is input 40μV/
from TSTC(pin75) and AGND.
℃
3.
ADPC1=1, the max. input of the current mode is 40mV~400mV.
4.
ADPC1=0, the max. input of the current mode is 400mV~4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com