Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6946 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM6946
Description  300 bps Single Chip FSK MODEM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6946 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM6946 Datasheet HTML 5Page - OKI electronic componets MSM6946 Datasheet HTML 6Page - OKI electronic componets MSM6946 Datasheet HTML 7Page - OKI electronic componets MSM6946 Datasheet HTML 8Page - OKI electronic componets MSM6946 Datasheet HTML 9Page - OKI electronic componets MSM6946 Datasheet HTML 10Page - OKI electronic componets MSM6946 Datasheet HTML 11Page - OKI electronic componets MSM6946 Datasheet HTML 12Page - OKI electronic componets MSM6946 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
¡ Semiconductor
MSM6926/6946
9/25
ELECTRICAL CHARACTERISTICS
DC and Digital Interface Characteristics
Parameter
Unit
Max.
Typ.
Min.
Symbol
Condition
Power Supply Current
mA
15.0
7.5
—
IA
Ordinary
operation
2.0
1.0
—
ID
10
—
–10
IIL
VI = 0 V
Input Leakage Currnet
10
—
–10
IIH
VI = VD
mA
Input Voltage
0.8
—
0
VIL
—
V
(VA = 12 V ±10%, VD = 5 V ±5%, Ta = 0 to 70°C)
*1
VD
—
2.2
VIH
—
*1
Output Voltage
0.4
—
0
VOL
IOL = 1.6 mA
VD
—
0.8
¥ VD
VOH
IOH = 400 mA
*2
*1 LT, CC, RS1, RS2, XD, CD2, RD2, M, FT, TS1, TS2
*2 CLK, CS, RD, CD1, CD2, RD1
*3
*3
*3 CD2 is I/O terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com