Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6946 Datasheet(PDF) 16 Page - OKI electronic componets

Part # MSM6946
Description  300 bps Single Chip FSK MODEM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6946 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button MSM6946 Datasheet HTML 12Page - OKI electronic componets MSM6946 Datasheet HTML 13Page - OKI electronic componets MSM6946 Datasheet HTML 14Page - OKI electronic componets MSM6946 Datasheet HTML 15Page - OKI electronic componets MSM6946 Datasheet HTML 16Page - OKI electronic componets MSM6946 Datasheet HTML 17Page - OKI electronic componets MSM6946 Datasheet HTML 18Page - OKI electronic componets MSM6946 Datasheet HTML 19Page - OKI electronic componets MSM6946 Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
¡ Semiconductor
MSM6926/6946
16/25
Demodulated Bit Characteristics
Timing Characteristics
1. MSM6926
Parameter
Unit
Max.
Typ.
Min.
Symbol
Condition
RS/CS Delay Time
ms
405
400
395
TRC ON
RS1 = "0"
Æ CS = "0"
(VA = 12 V ±10%, VD = 5 V ±5%, Ta = 0 to 70°C)
TS1
TS2
00
35
30
25
01
355
350
345
10
External delay timer
11
RS1 = "1"
Æ CS = "1"
TRC OFF
0.5
—
0
**
320
—
300
00
20
—
5
01
170
—
150
10
External delay timer
11
CD/ON Delay Time
TCD ON
—
70
—
20
00
70
—
20
01
40
—
10
10
External delay timer
11
CD/OFF Delay Time
TCD OF
—
Soft Turn-OFF Time
TST
**
—
10
—
—
Refer to Fig. 7
Notes: *: Irrespective of I/O condition
Parameter
Unit
Max.
Typ.
Min.
Symbol
Condition
Peak Intersymbol Distortion
%
—
6
—
ID
Back-to-back over input
signal range –6 to –40 dBm.
511-bit test pattern.
(VA = 12 V ±10%, VD = 5 V ±5%, Ta = 0 to 70°C)
5 dB
—
S/N
Back-to-back with 0.3 to
3.4 kHz flat noise.
Receive signal level –25 dBm.
511-bit test pattern
Bit Error Rate
—
10–5
—
BER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com