Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6946 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM6946
Description  300 bps Single Chip FSK MODEM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6946 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM6946 Datasheet HTML 6Page - OKI electronic componets MSM6946 Datasheet HTML 7Page - OKI electronic componets MSM6946 Datasheet HTML 8Page - OKI electronic componets MSM6946 Datasheet HTML 9Page - OKI electronic componets MSM6946 Datasheet HTML 10Page - OKI electronic componets MSM6946 Datasheet HTML 11Page - OKI electronic componets MSM6946 Datasheet HTML 12Page - OKI electronic componets MSM6946 Datasheet HTML 13Page - OKI electronic componets MSM6946 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
¡ Semiconductor
MSM6926/6946
10/25
Analog Interface Characteristics
1. MSM6926
Transmit carrier out (AO)
Receive carrier input (AIN)
Receive filter
Notes: *1 0 dBm = 0.775 Vrms
*2 The resistor values are typical
—
Parameter
Unit
Max.
Typ.
Min.
Symbol
Condition
ORIGINATE MODE
Carrier Frequency
Hz
986
980
974
fOM
fCRYSTAL = 3.579545 MHz
(VA = 12 V ±10%, VD = 5 V ±5%, Ta = 0 to 70°C)
Mark
1
1186
1180
1174
fOS
Space
0
ANSWER MODE
Carrier Frequency
1656
1650
1644
fAM
Mark
1
1856
1850
1844
fAS
Space
0
Output Resistance
200
—
—
ROXA
W
—
Load Resistance
—
—
50
RLXA
k
W
—
Load Capacitance
100
—
—
CLXA
pF
—
Transmit Level
8
6
4
VOXA
*1 dBm
—
Output Offset Voltage
VA
2
VOSX
V
–1
VA
2
VA
2
+ 1
C1 = 0.047 mF
Out-of-Band Energy
(Referred to Carrier Level)
Refer to Fig. 1
EOX
dB
Parameter
Unit
Max.
Typ.
Min.
Symbol
Condition
Input Resistance
k
W
—
—
100
RIRA
—
Receive Signal Level Range
*1 dBm
–6
—
–48
VIRA
—
Carrier Detect Level
–43
—
—
VCD ON
R8 = 33 kW
R9 = 51 kW
—
—
–48
VCD OFF
ON
OFF
*2
Carrier Detect Hysteresis
dB
—
—
2
HYS
VCD ON – VCD OFF
Parameter
Unit
Max.
Typ.
Min.
Symbol
Condition
Group Delay Distortion
ms
—
800
—
DDL
ORIG.
MODE
—
850
—
ANS.
MODE
1600 to 1900 Hz
VAIN = –6 dBm
Adjacent Channel Rejection
LAC
—
—
50
dB
930 to 1230 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com