Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP4221A Datasheet(PDF) 4 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4221A
Description  Mobile power single chip solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4221A Datasheet(HTML) 4 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4221A Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4221A Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4221A Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4221A Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4221A Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4221A Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4221A Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4221A Datasheet HTML 8Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TP4221A/TP4221B/TP4221C
移动电源单芯片解决方案
Ver1.4
Shenzhen TPOWER Semiconductor
4
电气参数
无特殊说明, VDD=5V,Ta=25℃
符号
参数
测试条件
最小值
典型值
最大值
单位
VDD
充电输入电压
4.3
5
6
V
VBAT
预设充电电压
针对 4.2V 规格
4.15
4.2
4.25
V
针对 4.35V 规格
4.30
4.35
4.4
V
△ VRECHRG
再充电阈值电压
VBAT-VRECHRG
100
mV
VISET
ISET 电压
RISET
=1KΩ, V
BAT=3.8V
0.90
1
1.1
V
IBAT
BAT 恒流充电电流
RISET
=1KΩ,恒流充电模式
900
1000
1100
mA
ITRK
BAT 涓流充电电流
RISET
=1KΩ,涓流充电模式
100
mA
VTRK
涓流充电阈值电压
RISET
=1KΩ,VBAT 上升
2.9
V
VTRK_HYS
涓流充电滞回电压
RISET
=1KΩ
100
mV
TST
充电温度补偿阈值
120
℃
TZERO
充电零电流温度
140
℃
VUV_BAT
BAT 欠压锁定阈值电
压
VBAT 上升
3.2
V
VBAT_END
BAT 放电终止电压
2.8
2.9
3.0
V
ISD_BAT
BAT 待机电流
VBAT=3.7V
5
8
uA
VOUT
升压输出电压
ILOAD=1A, VBAT=3.7V
4.8
5V
5.2
V
TSD
过温保护阈值
温度上升
150
℃
THYS
过温保护滞回
20
℃
VLIT
LIT 低电平电压
ILIT=100mA
0.6
V
VLEDx
LED1~LED5 驱动电压
ILEDx=5mA
0.3
V
FLEDx
LEDx 充电/低电量闪烁
频率
1
Hz
RON_CHRG
充电功率 MOS 导通电
阻
0.3
Ω
RON_DISCHRG
放电功率 MOS 导通电
阻
ILOAD=1A,VBAT=3.7V
80
m
Ω
FOSC
升压电路工作频率
400
500
600
KHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com