| Electronic Components Datasheet Search |
|
NUC505-YO2Y Datasheet(PDF) 69 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2Y Datasheet(HTML) 69 Page - Nuvoton Technology Corporation |
|
69 / 130 page ![]() NUC505 July. 26, 2018 Page 69 of 130 Rev.1.08 6 FUNCTIONAL DESCRIPTION ARM ® Cortex® -M4 Core 6.1 The Cortex ® -M4 processor, a configurable, multistage, 32-bit RISC processor, has three AMBA AHB-Lite interfaces for best parallel performance and includes a NVIC component. The processor has optional hardware debug functionality, which can execute Thumb code, and is compatible with other Cortex ® -M profile processors. The profile supports two modes -Thread mode and Handler mode. Handler mode is entered as a result of an exception. An exception return can only be issued in Handler mode. Thread mode is entered on Reset, and can be entered as a result of an exception return. The Cortex ® -M4F is a processor with the same capability as the Cortex® -M4 processor and includes floating point arithmetic functionality. The NUC505 is embedded with Cortex ® -M4F processor. Throughout this document the name Cortex® -M4 refers to both Cortex® - M4 and Cortex ® -M4F processors. The following figure shows the functional controller of the processor. Figure 6.1-1 Cortex ® -M4 Block Diagram Cortex ® -M4 processor features: A low gate count processor core, with low latency interrupt processing that has: ─ A subset of the Thumb instruction set, defined in the ARMv7-M Architecture Reference Manual. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |