Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUC505-YO2Y Datasheet(PDF) 71 Page - Nuvoton Technology Corporation

Part # NUC505-YO2Y
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2Y Datasheet(HTML) 71 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2Y Datasheet HTML 67Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 68Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 69Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 70Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 71Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 72Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 73Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 74Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 75Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 130 page
background image
NUC505
July. 26, 2018
Page 71 of 130
Rev.1.08
─
Debug access to all memory and registers in the system, including access to
memory mapped devices, access to internal core registers when the core is
halted, and access to debug control registers even while SYSRESETn is asserted.
─
Serial Wire Debug Port (SW-DP) or Serial Wire JTAG Debug Port (SWJ-DP)
debug access. But NUC505 only supports SW-DP.
─
Optional Flash Patch and Breakpoint (FPB) unit for implementing breakpoints and
code patches.
─
Optional Data Watchpoint and Trace (DWT) unit for implementing watchpoints,
data tracing, and system profiling.
─
 Bus interfaces:
─
Three Advanced High-performance Bus-Lite (AHB-Lite) interfaces: ICode, Dcode,
and System bus interfaces.
Private Peripheral Bus (PPB) based on Advanced Peripheral Bus (APB) interface.
─
Bit-band support that includes atomic bit-band write and read operations.
─
Memory access alignment.
─
Write buffer for buffering of write data.
─
Exclusive access transfers for multiprocessor systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com