Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUC505-YO2Y Datasheet(PDF) 98 Page - Nuvoton Technology Corporation

Part # NUC505-YO2Y
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2Y Datasheet(HTML) 98 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2Y Datasheet HTML 94Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 95Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 96Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 97Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 98Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 99Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 100Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 101Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 102Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 130 page
background image
NUC505
July. 26, 2018
Page 98 of 130
Rev.1.08
SPI Memory Interface Controller (SPIM)
6.13
6.13.1 Overview
The SPI Memory Interface Controller performs a serial-to-parallel conversion on data received
from the peripheral, and a parallel-to-serial conversion on data received from CPU. This controller
can drive up to 2 external peripherals (embedded SPI Flash or external SPI Flash) and act as a
SPI master. It can generate an interrupt signal when data transfer is finished and can be cleared
by writing 1 to the interrupt flag. The active level of device/slave select signal can be chosen to
low active or high active, which depends on the peripheral. Writing a divisor into the SPIM_CTL1
register can program the frequency of serial clock output to the peripheral. This controller contains
four 32-bit transmit/receive buffers, and can provide 1 to 4 burst mode operation. The number of
bits in each transaction can be 8, 16, 24, or 32; data can be transmitted/received up to four
successive transactions in one transfer.
6.13.2 Features
Supports SPI master mode
Supports DMA mode (DMA Write and DMA Read), Direct Memory Map (DMM) mode, and
I/O mode
8-, 16-, 24-, and 32-bit length of transaction
Supports standard (1-bit), dual (2-bit), and quad (4-bit) I/O transfer mode
Provides burst mode operation, which can transmit/receive data up to four successive
transactions in one transfer
Two slave/device select lines (embedded SPI Flash or external SPI Flash)
Fully static synchronous design with one clock domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com