Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

769D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 769D
Description  Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

769D Datasheet(HTML) 1 Page - Vishay Siliconix

  769D Datasheet HTML 1Page - Vishay Siliconix 769D Datasheet HTML 2Page - Vishay Siliconix 769D Datasheet HTML 3Page - Vishay Siliconix 769D Datasheet HTML 4Page - Vishay Siliconix 769D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 40055
Revision 17-Oct-03
www.vishay.com
36
769D (CECC 30202-013)
Vishay Tansitor
For technical questions, contact eurowettant@vishay.com
FEATURES
• For 125°C operation
•Very high CV per unit volume
• Long shelf life in excess of ten years
• Extremely low leakage current
• Epoxy end-filled for better shock and vibration
performance
APPROVALS
• CECC 30202-013 (6-125 Volts)
APPLICATIONS
• Designed for industrial and telecommunications
applications, offers higher microfarad value per unit volume
than any other type. The epoxy resin end-fill construction
also offers improved mechanical strength, outstanding
resistance to temperature cycling, and trouble-free
application when flow-soldering capacitors to printed circuit
board.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 125°C
Capacitance Tolerance: ± 20% is standard; ± 10% and
± 5% available as specials.
Capacitance Range: 3.6µF to 2200µF
Life Test: Capacitors are capable of withstanding a 2000
hour life test at a temperature of + 85°C or + 125°C at the
applicable rated DC working voltage.
Wet Tantalum Capacitors with Epoxy End-Fill,
Sintered Anode, TANTALEX® Capacitors
CECC 30202-013 Approved
ORDERING INFORMATION
769D
MODEL
306
CAPACITANCE
2
STYLE NUMBER
X0
CAPACITANCE
TOLERANCE
006
DC VOLTAGE RATING
AT + 85°C
A
CASE CODE
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to
follow.
X0 = ± 20%
X9 = ± 10%
X5 = ± 5%
Special Order.
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating.
See Ratings
and Case
Codes Table.
0 = Bare case.
2 = Outer plastic-film insulation.
Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended
due to the unit weight.


Similar Part No. - 769D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
89Kb / 6P
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
03-Jul-07
769D106X0025A2 VISHAY-769D106X0025A2 Datasheet
89Kb / 6P
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
03-Jul-07
769D106X0050A2 VISHAY-769D106X0050A2 Datasheet
89Kb / 6P
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
03-Jul-07
769D106X0100A2 VISHAY-769D106X0100A2 Datasheet
89Kb / 6P
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
03-Jul-07
769D107X0010A2 VISHAY-769D107X0010A2 Datasheet
89Kb / 6P
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
03-Jul-07
More results

Similar Description - 769D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D Datasheet
576Kb / 9P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
25-Jun-04
138D VISHAY-138D Datasheet
253Kb / 7P
Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
17-Mar-08
200D VISHAY-200D_05 Datasheet
133Kb / 11P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
14-Oct-05
735D VISHAY-735D_08 Datasheet
112Kb / 10P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
29-Jun-07
769D VISHAY-769D_08 Datasheet
89Kb / 6P
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
03-Jul-07
735D VISHAY-735D Datasheet
136Kb / 9P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
17-Oct-03
109D VISHAY-109D_17 Datasheet
126Kb / 10P
Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
28-Aug-17
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
30-Jul-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com