Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

769D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 769D
Description  Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

769D Datasheet(HTML) 2 Page - Vishay Siliconix

  769D Datasheet HTML 1Page - Vishay Siliconix 769D Datasheet HTML 2Page - Vishay Siliconix 769D Datasheet HTML 3Page - Vishay Siliconix 769D Datasheet HTML 4Page - Vishay Siliconix 769D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
37
769D (CECC 30202-013)
Vishay Tansitor
Document Number: 40055
Revision 17-Oct-03
For technical questions, contact eurowettant@vishay.com
STANDARD RATINGS
Max. RMS
RIPPLE
120 Hz
(mA)
+ 125
°C
Max. CAPACITANCE
CHANGE (%) at
+ 85
°C
+ 125
°C
PART NUMBER*
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA) at
+ 25
°C
- 55
°C
Max. DF
at + 25
°C
(%)
Max. IMP.
at - 55
°C
120 Hz
(Ohms)
6 VDC at + 85
°C, 4 VDC at + 125°C
+ 85
°C
30
A
769D306X0006A2
8
100
1
2
-40
+12
+12
70
68
A
769D686X0006A2
18
59
1
2
-40
+16
+16
80
140
B
769D147X0006B2
18
40
1
3
-40
+16
+16
300
220
A
769D227X0006A2
40
22
2
9
-65
+16
+16
90
270
B
769D277X0006B2
70
22
1
7
-44
+20
+20
270
330
C
769D337X0006C2
43
25
2
8
-44
+16
+16
500
560
C
769D567X0006C2
110
20
2
13
-64
+20
+20
500
820
B
769D827X0006B2
68
20
3
14
-80
+20
+20
280
1200
D
769D128X0006D2
60
20
3
12
-80
+25
+25
800
1500
C
769D158X0006C2
82
10
5
20
-85
+25
+25
540
2200
D
769D228X0006D2
80
15
9
30
-80
+25
+25
800
25
A
769D256X0008A2
7
100
1
2
-40
+12
+12
70
56
A
769D566X0008A2
15
60
1
2
-40
+12
+12
80
180
A
769D187X0008A2
36
28
2
9
-60
+16
+16
90
220
B
769D227X0008B2
57
30
1
7
-44
+20
+20
250
430
B
769D437X0008B2
42
25
3
14
-80
+20
+20
270
430
C
769D437X0008C2
84
25
2
14
-64
+20
+20
500
620
B
769D627X0008B2
53
20
3
14
-80
+20
+20
280
680
B
769D687X0008B2
55
20
3
14
-80
+20
+20
280
850
C
769D857X0008C2
65
20
4
16
-80
+25
+25
500
850
D
769D857X0008D2
50
22
4
16
-80
+25
+25
850
1200
C
769D128X0008C2
82
15
5
20
-80
+25
+25
520
1600
D
769D168X0008D2
68
18
7
25
-80
+25
+25
800
1800
D
769D188X0008D2
70
18
8
28
-80
+25
+25
800
8 VDC at + 85
°C, 5 VDC at + 125°C
Wet Tantalum Capacitors with Epoxy End-Fill,
Sintered Anode TANTALEX
® Capacitors
CECC 30202-013 Approved
+ 10%
± 0.002
[- 0.05]
DIMENSIONS in inches [millimeters]
CASE
CODE
A
B
C
D
L
1
+ 031 - 0.078
[+ 0.8 - 2.0]
0.535
[13.6]
0.724
[18.4]
0.846
[21.5]
1.129
[28.7]
WITH OUTER PLASTIC -FILM INSULATION
ø d
0.023
[0.6]
0.023
[0.6]
0.023
[0.6]
0.023
[0.6]
L
2
MIN.
0.984
[25]
0.984
[25]
0.984
[25]
0.984
[25]
D
± 0.015
[
± 0.4]
0.192
[4.9]
0.283
[7.2]
0.377
[9.6]
0.377
[9.6]
+
EPOXY RESIN
Ø d
D
L
1
L
2
L
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com