Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

769D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 769D
Description  Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

769D Datasheet(HTML) 4 Page - Vishay Siliconix

  769D Datasheet HTML 1Page - Vishay Siliconix 769D Datasheet HTML 2Page - Vishay Siliconix 769D Datasheet HTML 3Page - Vishay Siliconix 769D Datasheet HTML 4Page - Vishay Siliconix 769D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
39
769D (CECC 30202-013)
Vishay Tansitor
Document Number: 40055
Revision 17-Oct-03
For technical questions, contact eurowettant@vishay.com
STANDARD RATINGS
8A
769D805X0030A2
4
235
1
2
-16
+12
+12
60
15
A
769D156X0030A2
8
175
1
2
-20
+12
+12
80
40
B
769D406X0030B2
10
80
1
5
-24
+12
+12
250
56
A
769D566X0030A2
20
55
2
9
-32
+15
+15
70
68
B
769D686X0030B2
26
60
1
8
-24
+15
+15
250
100
C
769D107X0030C2
16
45
2
12
-28
+12
+12
500
150
C
769DL57X0030C2
38
35
2
18
-48
+15
+15
500
180
B
769D187X0030B2
21
27
3
16
-40
+16
+16
280
200
B
769D207X0030B2
21
25
3
16
-40
+16
+16
280
220
B
769D227X0030B2
23
25
3
16
-40
+16
+16
280
300
C
769D307X0030C2
25
18
7
28
-55
+25
+25
500
300
D
769D307X0030D2
27
25
4
31
-60
+25
+25
820
390
C
769D397X0030C2
27
15
6
24
-55
+20
+25
510
430
C
769D437X0030C2
27
15
7
28
-55
+25
+25
510
620
D
769D627X0030D2
32
22
8
29
-60
+20
+25
750
680
D
769D687X0030D2
36
20
7
25
-60
+25
+25
750
39
A
769D396X0035A2
18
80
2
9
-32
+15
+15
70
47
A
769D476X0035A2
18
60
2
9
-32
+15
+15
70
150
B
769D157X0035B2
20
30
3
16
-40
+16
+16
270
330
C
769D337X0035C2
26
20
6
24
-55
+25
+25
500
470
D
769D477X0035D2
28
25
7
25
-60
+25
+25
750
480
D
769D487X0035D2
28
25
8
29
-60
+25
+25
750
560
D
769D567X0035D2
29
24
8
32
-60
+25
+25
750
5A
769D505X0050A2
3
355
1
2
-16
+6
+6
60
10
A
769D106X0050A2
5
250
1
2
-24
+9
+9
80
25
A
769D256X0050A2
14
135
3
12
-24
+12
+12
70
25
B
769D256X0050B2
10
90
1
5
-20
+12
+12
250
33
A
769D336X0050A2
16
120
2
9
-24
+12
+12
70
47
B
769D476X0050B2
18
70
1
9
-28
+15
+15
250
60
C
769D606X0050C2
12
50
2
12
-16
+12
+12
500
82
B
769D826X0050B2
21
45
2
16
-32
+15
+15
270
120
B
769D127X0050B2
18
26
3
18
-35
+15
+15
280
160
C
769D167X0050C2
30
35
12
48
-40
+25
+25
500
160
D
769D167X0050D2
15
27
5
40
-50
+20
+20
750
270
C
769D277X0050C2
24
16
7
28
-40
+25
+25
510
360
D
769D367X0050D2
24
22
8
32
-45
+25
+25
750
390
D
769D397X0050D2
25
20
8
32
-45
+25
+25
750
4A
763D405X0060A2
3
405
1
2
-16
+6
+6
50
8.2
A
769D825X0060A2
4
275
1
2
-24
+9
+9
60
20
A
769D206X0060A2
7
120
1
5
-20
+12
+12
70
20
B
769D206X0060B2
6
105
1
5
-16
+12
+12
250
27
A
769D276X0060A2
14
90
3
12
-20
+12
+12
70
39
B
769D396X0060B2
18
90
1
9
-28
+12
+12
250
50
B
769D506X0060B2
9
75
2
12
-30
+15
+15
250
50
C
769D506X0060C2
9
55
2
12
-16
+12
+12
500
68
C
769D686X0060C2
27
50
2
16
-32
+12
+12
500
100
B
769D107X0060B2
15
28
4
20
-30
+15
+15
280
140
C
769D147X0060C2
18
32
7
28
-35
+20
+20
500
140
D
769D147X0060D2
21
28
8
32
-40
+20
+20
750
220
C
769D227X0060C2
18
17
7
28
-35
+20
+20
510
300
D
769D307X0060D2
21
21
8
32
-45
+20
+20
750
330
D
769D337X0060D2
23
23
9
36
-45
+20
+20
750
Max. RMS
RIPPLE
120 Hz
(mA)
+ 125
°C
Max. CAPACITANCE
CHANGE (%) at
+ 85
°C
+ 125
°C
PART NUMBER*
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA) at
+ 25
°C
- 55
°C
Max. DF
at + 25
°C
(%)
Max. IMP.
at - 55
°C
120 Hz
(Ohms)
30 VDC at + 85
°C, 20 VDC at + 125°C
+ 85
°C
35 VDC at + 85
°C, 23 VDC at + 125°C
50 VDC at + 85
°C, 30 VDC at + 125°C
60 VDC at + 85
°C, 40 VDC at + 125°C
Wet Tantalum Capacitors with Epoxy End-Fill,
Sintered Anode TANTALEX
® Capacitors
CECC 30202-013 Approved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com