Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7756 Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7756
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7756 Datasheet HTML 15Page - Analog Devices ADE7756 Datasheet HTML 16Page - Analog Devices ADE7756 Datasheet HTML 17Page - Analog Devices ADE7756 Datasheet HTML 18Page - Analog Devices ADE7756 Datasheet HTML 19Page - Analog Devices ADE7756 Datasheet HTML 20Page - Analog Devices ADE7756 Datasheet HTML 21Page - Analog Devices ADE7756 Datasheet HTML 22Page - Analog Devices ADE7756 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
REV. 0
ADE7756
–19–
0 0 0 01 HEX
IRQ
DIN
DOUT
SCLK
SAMPLING RATE
(27.9kSPS, 14kSPS, 7kSPS OR 3.5kSPS)
READ FROM WAVEFORM
CHANNEL 1 DATA – 20 BITS
16 s
SIGN
Figure 19. Waveform Sampling Channel 1
CHANNEL 2 ADC
Channel 2 Sampling
In Channel 2 waveform sampling mode (MODE[14:13] = 1,1
and WSMP = 1) the ADC output code scaling for Channel 2 is
the same as Channel 1, i.e., the output swings between D7AE1h
(–165,151) and 2851Fh (+165,151)—see ADC Channel 1 sec-
tion. However, before being passed to the Waveform register, the
ADC output is passed through a single-pole, low-pass filter
with a cutoff frequency of 156 Hz. The plots in Figure 20
shows the magnitude and phase response of this filter.
FREQUENCY – Hz
0
–40
101
103
102
–60
–40
–20
–20
0
(60Hz, –21.04 )
(60Hz, –0.6dB)
–80
Figure 20. Magnitude and Phase Response of LPF1
This has the effect of attenuating the signal. For example, if the
line frequency is 60 Hz, the signal at the output of LPF1 will be
attenuated by 30%.
|( )|
.
– .
Hf
Hz
Hz
dB
=
+


==
1
1
60
156
093
0 6
2
Note that LPF1 does not affect the power calculation. The signal
processing chain in Channel 2 is illustrated in Figure 21. Unlike
Channel 1, Channel 2 has only one analog input range (1 V
differential). However, like Channel 1, Channel 2 does have a PGA
with gain selections of 1, 2, 4, 8, and 16. For energy measure-
ment, the output of the ADC is passed directly to the multiplier
and is not filtered. An HPF is not required to remove any dc
offset since it is only required to remove the offset from one chan-
nel to eliminate errors due to offsets in the power calculation.
When in waveform sample mode, one of four output sample
rates can be chosen by using Bits 11 and 12 of the Mode regis-
ter. The available output sample rates are 27.9 kSPS, 14 kSPS,
7 kSPS or 3.5 kSPS—see Mode Register section. The interrupt
request output
IRQ signals a new sample availability by going
active low. The timing is the same as that for Channel 1 and is
shown in Figure 19.
1
–63% TO + 63% FS
60Hz
1V, 0.5V,
0.25V, 0.125V,
0.0625V
x1, x2, x4,
x8, x16
GAIN[7:5]
REFERENCE
2.42V
V2
0V
2851Fh
D7AE1h
+63% FS
–63% FS
+44% FS
–44% FS
00000h
1C396h
E3C6Ah
ANALOG INPUT
RANGE
LPF OUTPUT
WORD RANGE
TO
MULTIPLIER
TO
WAVEFORM
REGISTER
LPF1
V2P
V2N
ADC2
PGA2
V1
20
40000h
+FS
C0000h
–FS
60Hz
Figure 21. ADC and Signal Processing in Channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com