Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7756 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7756
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7756 Datasheet HTML 18Page - Analog Devices ADE7756 Datasheet HTML 19Page - Analog Devices ADE7756 Datasheet HTML 20Page - Analog Devices ADE7756 Datasheet HTML 21Page - Analog Devices ADE7756 Datasheet HTML 22Page - Analog Devices ADE7756 Datasheet HTML 23Page - Analog Devices ADE7756 Datasheet HTML 24Page - Analog Devices ADE7756 Datasheet HTML 25Page - Analog Devices ADE7756 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
REV. 0
ADE7756
–22–
ENERGY CALCULATION
As stated earlier, power is defined as the rate of energy flow.
This relationship can be expressed mathematically as Equation 5.
P
dE
dt
=
(5)
where
P = Power, and
E = Energy.
Conversely, Energy is given as the integral of Power.
E
Pdt
=∫
(6)
The ADE7756 achieves the integration of the Active Power signal
by continuously accumulating the Active Power signal in the 40-bit
Active Energy register (AENERGY[39:0]). This discrete time
accumulation or summation is equivalent to integration in con-
tinuous time. Equation 7 expresses the relationship
E
p t dt
Lim
p nT
T
T
n
= ∫
=
()
(
)
0
0
(7)
where
n is the discrete time sample number
and
T is the sample period.
The discrete time sample period (T) for the accumulation regis-
ter in the ADE7756 is 1.1
µs (4/CLKIN). As well as calculating
the Energy, this integration removes any sinusoidal components
that may be in the Active Power signal.
Figure 30 shows a graphical representation of this discrete time
integration or accumulation. The Active Power signal in the
Waveform register is continuously added to the Active Energy
register. This addition is a signed addition, therefore negative
energy will be subtracted from the Active Energy contents.
APOS [11:0]
4
CLKIN
TIME – nT
WAVEFOR
REGISTER
VALUES
T
23
0
AENERGY[39:0]
WAVEFORM REGISTER VALUES ARE
ACCUMULATED (INTEGRATED) IN
THE ACTIVE ENERGY REGISTER
ACTIVE POWER
SIGNAL – P
20
LPF2
CURRENT
CHANNEL
VOLTAGE
CHANNEL
WAVEFORM [23:0]
39
0
11
0
Figure 30. Energy Calculation
As shown in Figure 30, the Active Power signal is accumulated
in a 40-bit signed register (AENERGY[39:0]).
The Active Power signal can be read from the Waveform regis-
ter by setting MODE[14:13] = 0,0 and setting the WSMP bit
(Bit 3) in the Interrupt Enable register to 1. Like the Channel 1
and Channel 2 waveform sampling modes, the waveform date
is available at sample rates of 27.9 kSPS, 14 kSPS, 7 kSPS or
3.5 kSPS—see Figure 19.
Figure 31 shows this energy accumulation for full-scale signals
(sinusoidal) on the analog inputs. The three curves displayed,
illustrate the minimum period of time it takes the energy register
to roll-over when the Active Power Gain register contents are
3FFh, 000h and 800h. The Active Power Gain register is used
to carry out power calibration in the ADE7756. As shown, the
fastest integration time will occur when the Active Power Gain
register is set to maximum full scale, i.e., 3FFh.
APGAIN = 800h
APGAIN = 000h
APGAIN = 3FFh
00,0000,0000h
7F,FFFF,FFFFh
80,0000,0000h
3F,FFFF,FFFFh
40,0000,0000h
AENERGY[39:0]
TIME
(SECONDS)
11.5s
23s
5.8s
Figure 31. Energy Register Roll-Over Time for Full-Scale
Power (Minimum and Maximum Power Gain)
Note that the energy register contents will roll over to full-scale
negative (80,0000,0000h) and continue increasing in value when
the power or energy flow is positive—see Figure 31. Conversely,
if the power is negative the energy register would underflow to
full-scale positive (7F, FFFF, FFFFh) and continue decreasing
in value.
By using the Interrupt Enable register, the ADE7756 can be
configured to issue an interrupt (
IRQ) when the Active Energy
register is half-full (positive or negative) or when an over-/under-
flow occurs.
Integration Times under Steady Load
As mentioned in the last section, the discrete time sample
period (T) for the accumulation register is 1.1
µs (4/CLKIN).
With full-scale sinusoidal signals on the analog inputs and the
Active Power Gain register set to 000h, the average word value
from LPF2 is CCCDh—see Figure 34. The maximum value
that can be stored in the Active Energy register before it over-
flows is 2
39 or 7F, FFFF, FFFFh. Therefore the integration
time under these conditions is calculated as follows:
Time
F FFFF FFFFh
CCCDh
s
=
7
1 1
11 53
,,
..
µ
seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com