Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7756 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7756
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7756 Datasheet HTML 24Page - Analog Devices ADE7756 Datasheet HTML 25Page - Analog Devices ADE7756 Datasheet HTML 26Page - Analog Devices ADE7756 Datasheet HTML 27Page - Analog Devices ADE7756 Datasheet HTML 28Page - Analog Devices ADE7756 Datasheet HTML 29Page - Analog Devices ADE7756 Datasheet HTML 30Page - Analog Devices ADE7756 Datasheet HTML 31Page - Analog Devices ADE7756 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
REV. 0
ADE7756
–30–
Mode Register (06H)
The ADE7756 functionality is configured by writing to the MODE register. Table VI summarizes the functionality of each bit in the
MODE register.
Table VI. Mode Register
Bit
Bit
Location
Mnemonic
Description
0
DISHPF
The HFP (High-Pass Filter) in Channel 1 is disabled when this bit is set.
1
DISLPF2
The LPF (Low-Pass Filter) after the multiplier (LPF2) is disabled when this bit is set.
2
DISCF
The frequency output CF is disabled when this bit is set.
3
DISSAG
The line voltage Sag detection is disabled when this bit is set.
4
ASUSPEND
By setting this bit to Logic 1, both ADE7756’s A/D converters can be turned off. In normal
operation, this bit should be left at Logic 0. All digital functionality can be stopped by sus-
pending the clock signal at CLKIN pin.
5
TEMPSEL
The temperature conversion starts when this bit is set to one. This bit is automatically reset to
zero when the temperature conversion is finished.
6
SWRST
Software Chip Reset. A data transfer should not take place to the ADE7756 for at least 18
µs
after a software reset.
7
CMODE
Setting this bit to a Logic 1 places the chip in calibration mode.
8
DISCH1
ADC 1 (Channel 1) inputs are internally shorted together.
9
DISCH2
ADC 2 (Channel 2) inputs are internally shorted together.
10
SWAP
By setting this bit to Logic 1 the analog inputs V2P and V2N are connected to ADC 1 and the
analog inputs V1P and V1N are connected to ADC 2.
12, 11
DTRT1, 0
These bits are used to select the Waveform Register update rate.
DTRT 1
DTRT0
Update Rate
0
0
27.9 kSPS (CLKIN/128)
0
1
14 kSPS (CLKIN/256)
1
0
7 kSPS (CLKIN/512)
1
1
3.5 kSPS (CLKIN/1024)
14, 13
WAVSEL1, 0
These bits are used to select the source of the sampled data for the Waveform Register
WAVSEL1
WAVSEL0
Source
0
0
Active Power signal (output of LPF2)
0
1
RESERVED
1
0
Channel 1
1
1
Channel 2
15
TEST1
Writing a Logic 1 to this bit position places the ADE7756 in test mode. This is intended for
factory testing only and should be left at zero.
MODE REGISTER*
ADDR: 06H
TEST 1
(TEST MODE SELECTION SHOULD BE SET TO 0)
WAVSEL
(WAVE FORM SELECTION FOR SAMPLE MODE)
00 = LPF2
01 = RESERVED
10 = CH1
11 = CH2
DTRT
(WAVE FORM SAMPLES OUTPUT DATA RATE)
00 = 27.9kSPS (CLKIN/128)
01 = 14.4kSPS (CLKIN/256)
10 = 7.2kSPS (CLKIN/512)
11 = 3.6kSPS (CLKIN/1024)
SWAP
(SWAP CH1 AND CH2 ADCs)
DISCH2
(SHORT THE ANALOG INPUTS ON CHANNEL 2)
DISCH1
(SHORT THE ANALOG INPUTS ON CHANNEL 1)
*REGISTER CONTENTS SHOW POWER-ON DEFAULTS
0
000
00
00
7
6
54
32
10
0
000
11
00
8
9
10
11
12
13
14
15
DISHPF
(DISABLE HPF IN CHANNEL 1)
DISLPF2
(DISABLE LPF2 AFTER MULTIPLIER)
DISCF
(DISABLE FREQUENCY OUTPUT CF)
DISSAG
(DISABLE
SAG OUTPUT)
ASUSPEND
(SUSPEND CH1 AND CH2 ADCs)
TEMPSEL
(START TEMPERATURE SENSING)
SWRST
(SOFTWARE CHIP RESET)
CMODE
(CALIBRATION MODE)
Figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com