Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLF60R080SS Datasheet(PDF) 5 Page - Shenzhen Meipusen Semiconductor Co., Ltd

Part # SLF60R080SS
Description  600V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Direct Link  http://www.meipusen.com/
Logo MAPLESMI - Shenzhen Meipusen Semiconductor Co., Ltd

SLF60R080SS Datasheet(HTML) 5 Page - Shenzhen Meipusen Semiconductor Co., Ltd

  SLF60R080SS Datasheet HTML 1Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 2Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 3Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 4Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 5Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 6Page - Shenzhen Meipusen Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Gate Charge Test Circuit & Waveform
3mA
VGS
Current Sampling (IG)
Resistor
Current Sampling (ID)
Resistor
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Current Regulator
R1
R2
Charge
VGS
10V
Qg
Qgs
Qgd
Resistive Switching Test Circuit & Waveforms
VDD
( 0.5 rated VDS )
10V
Vout
Vin
RL
DUT
RG
Vin
Vout
10%
90%
td(on)
tr
t on
t off
td(off)
tf
Unclamped Inductive Switching Test Circuit & Waveforms
Vary tp to obtain
required peak ID
10V
VDD
C
LL
VDS
ID
RG
t p
DUT
EAS =LL IAS2
----
2
1
--------------------
BVDSS -- VDD
BVDSS
BVDSS
t p
VDD
IAS
VDS (t)
ID (t)
Time
Maple Semiconductor CO.,LTD
http://www.maplesemi.com
Rev 1.0 September 2017
Page5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com