Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLF60R080SS Datasheet(PDF) 1 Page - Shenzhen Meipusen Semiconductor Co., Ltd

Part # SLF60R080SS
Description  600V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Direct Link  http://www.meipusen.com/
Logo MAPLESMI - Shenzhen Meipusen Semiconductor Co., Ltd

SLF60R080SS Datasheet(HTML) 1 Page - Shenzhen Meipusen Semiconductor Co., Ltd

  SLF60R080SS Datasheet HTML 1Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 2Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 3Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 4Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 5Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 6Page - Shenzhen Meipusen Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
- 7.6A, 500V, RDS(on) typ. = 0.5Ω@VGS = 10 V
- Low gate charge ( typical 25nC)
- High ruggedness
- Fast switching
- 100% avalanche tested
- Improved dv/dt capability
Absolute Maximum Ratings
TC = 25°C unless otherwise noted
Symbol
Parameter
SLF60R080SS
Units
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25℃)
47
A
- Continuous (TC = 100℃)
30
A
IDM
Drain Current - Pulsed
(Note 1)
140
A
VGSS
Gate-Source Voltage
±
20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
720
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
50
V/ns
PD
Power Dissipation (TC = 25℃)
50
W
- Derate above 25℃
0.4
W/℃
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
TL
Maximum lead temperature for soldering purposes,
300
℃
1/8" from case for 5 seconds
*Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
Value
Units
RθJC
Thermal Resistance, Junction-to-Case
2.5
℃/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
℃/W
Maple Semiconductor CO.,LTD
http://www.maplesemi.com
Rev 1.0 September 2017
Page1
General Description
This Power MOSFET is produced using Maple semi‘s
Advanced Super-Junction technology.
This advanced technology has been especially tailored
to minimize conduction loss, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode.
These devices are well suited for AC/DC power conversion
Features
- 47A, 600V, RDS(on) typ.= 68mΩ@VGS =10 V
- Low gate charge ( typical 88nC)
- High ruggedness
- Fast switching
- 100% avalanche tested
- Improved dv/dt capability
S
D
G
G D
S
TO-220F
SLF60R080SS
600V N-Channel MOSFET


Similar Part No. - SLF60R080SS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
SLF60R160S2 MAPLESMI-SLF60R160S2 Datasheet
467Kb / 6P
600V N-channel MOSFET
SLF60R190S2 MAPLESMI-SLF60R190S2 Datasheet
966Kb / 6P
600V N-channel MOSFET
SLF60R190SJ MAPLESMI-SLF60R190SJ Datasheet
927Kb / 8P
600V N-Channel MOSFET
SLF60R190SS MAPLESMI-SLF60R190SS Datasheet
689Kb / 5P
600V N-Channel MOSFET
SLF60R280S2 MAPLESMI-SLF60R280S2 Datasheet
983Kb / 6P
600V N-channel MOSFET
More results

Similar Description - SLF60R080SS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FQB12N60 FAIRCHILD-FQB12N60 Datasheet
540Kb / 9P
600V N-Channel MOSFET
FQB1N60 FAIRCHILD-FQB1N60 Datasheet
545Kb / 9P
600V N-Channel MOSFET
FQD3N60 FAIRCHILD-FQD3N60 Datasheet
575Kb / 9P
600V N-Channel MOSFET
FQP12N60 FAIRCHILD-FQP12N60 Datasheet
532Kb / 8P
600V N-Channel MOSFET
FQP6N60 FAIRCHILD-FQP6N60 Datasheet
536Kb / 8P
600V N-Channel MOSFET
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
600V N-Channel MOSFET
FQPF12N60 FAIRCHILD-FQPF12N60 Datasheet
549Kb / 8P
600V N-Channel MOSFET
FQPF3N60 FAIRCHILD-FQPF3N60 Datasheet
557Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com