Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLF60R080SS Datasheet(PDF) 2 Page - Shenzhen Meipusen Semiconductor Co., Ltd

Part # SLF60R080SS
Description  600V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Direct Link  http://www.meipusen.com/
Logo MAPLESMI - Shenzhen Meipusen Semiconductor Co., Ltd

SLF60R080SS Datasheet(HTML) 2 Page - Shenzhen Meipusen Semiconductor Co., Ltd

  SLF60R080SS Datasheet HTML 1Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 2Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 3Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 4Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 5Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF60R080SS Datasheet HTML 6Page - Shenzhen Meipusen Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics ( TC = 25 °C unless otherwise noted )
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V,ID = 250uA, TJ=25℃
600
-
-
V
VGS = 0V,ID = 250uA, TJ=150℃
-
650
-
V
ΔBVDSS
ΔTJ
Breakdown Voltage Temperature
coefficient
ID = 250uA, referenced to 25°C
-
0.6
-
V/°C
IDSS
Drain-Source Leakage Current
VDS =600V, VGS = 0V
-
-
1
uA
VDS =480V, TC = 125 °C
-
10
-
uA
IGSS
Gate-Source Leakage, Forward
VGS = 20V, VDS = 0V
-
-
100
nA
Gate-source Leakage, Reverse
VGS = -20V, VDS = 0V
-
-
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250uA
2.0
3.0
4.0
V
RDS(ON)
Static Drain-Source On-state
Resistance
VGS =10 V, ID = 23.5A
-
68
80
mΩ
Dynamic Characteristics
Ciss
Input Capacitance
VGS =0 V, VDS =25V, f = 1MHz
-
3100
-
pF
Coss
Output Capacitance
-
2399
-
Crss
Reverse Transfer Capacitance
-
62
-
Dynamic Characteristics
td(on)
Turn-on Delay Time
VDD =300V, ID =25A, RG =25
Ω
`
46
-
nS
tr
Rise Time
-
120
-
td(off)
Turn-off Delay Time
-
137
-
tf
Fall Time
-
116
-
Qg
Total Gate Charge
VDS =480V, VGS =10V, ID =25A
-
88
-
nC
Qgs
Gate-Source Charge
-
22
-
Qgd
Gate-Drain Charge(Miller Charge)
-
42
-
Source-Drain Diode Ratings and Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
IS
Maximum Continuous Drain-Source Diode Forward Current
-
-
47
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
-
-
140
VSD
Diode Forward Voltage
IS =25A, VGS =0V
-
-
1.5
V
trr
Reverse Recovery Time
IS =25A, VGS=0V, dIF/dt=100A/us
-
450
-
nS
Qrr
Reverse Recovery Charge
-
1.4
-
uC
NOTES
1. Repeativity rating : pulse width limited by junction temperature
2. L =10mH, IAS =12A, VDD = 50V, RG = 25
Ω, Starting TJ = 25°C
3. ISD
≤ ID, di/dt ≤ 200A/us, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse Width
≤ 300us, Duty Cycle ≤ 2%
5. Essentially independent of operating temperature.
Maple Semiconductor CO.,LTD
http://www.maplesemi.com
Rev 1.0 September 2017
Page2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com