Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA6002 Datasheet(PDF) 8 Page - Major-Power Technology Co., LTD.

Part # MA6002
Description  Dual 1.2A 1.5MHz Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA6002 Datasheet(HTML) 8 Page - Major-Power Technology Co., LTD.

  MA6002 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
MA6002
Major Power Technology Co., Ltd.
Rev.1.1
Aug.28, 2015
junction temperature of the die and TA is the ambient temperature. The junction to ambient
thermal resistance
θJA is layout dependent. For TDFN-10L (3x3) packages, the thermal
resistance
θJA is 60°C/W on the 1 in2 Multi-layer PCB copper area (The IC exposed pad
must be connected to the PCB Copper area) two-layers thermal test board. The maximum
power dissipation at TA = 25°C can be calculated by following formula:
PD(MAX) = (125°C - 25°C) / (45°C/W) = 2.2W for TDFN-10L (3x3) package
The maximum power dissipation depends on operating ambient temperature for fixed
TJ(MAX) and thermal resistance
θJA.
Layout Guide
1. Input Capacitors (C1, C2) are necessarily closed to IC.
2. Feedback low-side resistor’s (R2, R4) ground trace close to input capacitor’s ground trace.
3. All power trace is wide and short.
4. Feedback trace must keep inductor’s trace away
C1
L2
C4
C5
EN1
FB2
110
2
3
47
8
9
FB1
VIN2
GND2
VIN1
GND1
SW1
Exposed
Pad
56
EN2
SW2
C2
R2
R1
C3
R3
R4
L2
C6
Via to VIN1
Via to VIN2
VOUT1
VOUT2
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com