Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA6002 Datasheet(PDF) 3 Page - Major-Power Technology Co., LTD.

Part # MA6002
Description  Dual 1.2A 1.5MHz Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA6002 Datasheet(HTML) 3 Page - Major-Power Technology Co., LTD.

  MA6002 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
MA6002
Major Power Technology Co., Ltd.
Rev.1.1
Aug.28, 2015
ORDER/MARKING INFORMATION
Order Information
Top Marking
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Input Voltage
VIN1/ VIN2
-0.3 to 7
V
EN1, FB1, LX1, EN2, FB2 and LX2 Pin Voltage
-0.3 to VIN + 0.3
V
Power Dissipation, PD @ TA = 25°C
PD
2.2
W
Lead Temperature (Soldering, 10 sec.)
260
°C
Storage Temperature Range
TST
-65 to 150
°C
Junction Temperature
TJ
150
°C
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
45
°C/W
Note: θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to exposed
pad.
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Rating
Unit
Supply Input Voltage
VIN
2.5 to 6.0
V
Junction Temperature Range
TJ
-40 to 125
°C
Ambient Temperature Range
TA
-40 to 85
°C
Note: The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com