Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA6002 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA6002
Description  Dual 1.2A 1.5MHz Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA6002 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA6002 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA6002 Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
MA6002
Major Power Technology Co., Ltd.
Rev.1.1
Aug.28, 2015
BLOCK DIAGRAM
FB1
EN1
VIN1
LX1
GND1
Over-Temperature and
Short-Circuit Protection
FB
Soft-Star
0.6V
+
-
-
+
Icomp
Isense
AMP
OSC
SLOPE
COMP
PWM
LOGIC
NON-OVERLAP
CONTROL
RESET
SET
Enable Logic
FB2
EN2
VIN2
LX2
GND2
Over-Temperature and
Short-Circuit Protection
FB
Soft-Star
0.6V
+
-
-
+
Icomp
Isense
AMP
OSC
SLOPE
COMP
PWM
LOGIC
NON-OVERLAP
CONTROL
RESET
SET
Enable Logic
PIN ASSIGNMENT
The package of MA6002 is TDFN-10L (3×3); the pin assignment is given by:
1
10
2
3
4
5
6
7
8
9
Name
Description
VIN2
Power Input of Channel 2.
LX2
Pin for Switching of Channel 2.
GND1,2
Ground. The exposed pad must be
soldered to a large PCB and connected to
GND for maximum power dissipation.
FB1
Feedback of Channel 1.
EN1
Chip Enable of Channel 1 (Active High).
VEN1 ≦ VIN1.
VIN1
Power Input of Channel 1.
LX1
Pin for Switching of Channel 1.
FB2
Feedback of Channel 2.
EN2
Chip Enable of Channel 2 (Active High).
VEN2 ≦ VIN2.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com