Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7617 Datasheet(PDF) 26 Page - OKI electronic componets

Part # MSM7617
Description  2-Channel Echo Canceler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7617 Datasheet(HTML) 26 Page - OKI electronic componets

Back Button MSM7617 Datasheet HTML 21Page - OKI electronic componets MSM7617 Datasheet HTML 22Page - OKI electronic componets MSM7617 Datasheet HTML 23Page - OKI electronic componets MSM7617 Datasheet HTML 24Page - OKI electronic componets MSM7617 Datasheet HTML 25Page - OKI electronic componets MSM7617 Datasheet HTML 26Page - OKI electronic componets MSM7617 Datasheet HTML 27Page - OKI electronic componets MSM7617 Datasheet HTML 28Page - OKI electronic componets MSM7617 Datasheet HTML 29Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
MSM7617
RIN1
ROUT1
23
22
SOUT1
SIN1
19
20
RIN2
ROUT2
58
59
SOUT2
SIN2
62
61
SYNC1
SYNC2
13
4
SCK
9
WDT1
WDT2
32
49
DF1
DF2
31
50
NLP1
NLP2
11
6
HCL1
HCL2
14
3
ADP1
ADP2
15
2
HD1
HD2
17
64
ATT1
ATT2
18
63
SG11
SG21
24
57
SG10
SG20
25
56
SA11
SA21
26
55
SA10
SA20
27
54
RGC11
RGC21
29
52
RGC10
RGC20
30
51
RST1
RST2
16
1
ECDM1
IOM1
41
8
ECDM0
IOM0
40
7
TST
ECM
43
10
CLKIN
SYNCO
46
38
PWDWN
SCKO
42
39
VDD(PLL)
VSS
47
12
VSS(PLL)
VSS
48
28
VDD
VSS
544
VDD
VSS
21
45
VDD
VSS
33
60
VDD
34
VDD
VDD
35
37
VDD
VDD
36
53
ch1 SYNC
+5 V
GND
GND
CLOCK
GND
+5 V
+
+5 V
+5 V
GND
CH1
CH2
ch1 RST
MSM7617
RIN1
ROUT1
23
22
SOUT1
SIN1
19
20
RIN2
ROUT2
58
59
SOUT2
SIN2
62
61
SYNC1
SYNC2
13
4
SCK
9
WDT1
WDT2
32
49
DF1
DF2
31
50
NLP1
NLP2
11
6
HCL1
HCL2
14
3
ADP1
ADP2
15
2
HD1
HD2
17
64
ATT1
ATT2
18
63
SG11
SG21
24
57
SG10
SG20
25
56
SA11
SA21
26
55
SA10
SA20
27
54
RGC11
RGC21
29
52
RGC10
RGC20
30
51
RST1
RST2
16
1
ECDM1
IOM1
41
8
ECDM0
IOM0
40
7
TST
ECM
43
10
CLKIN
SYNCO
46
38
PWDWN
SCKO
42
39
VDD(PLL)
VSS
47
12
VSS(PLL)
VSS
48
28
VDD
VSS
544
VDD
VSS
21
45
VDD
VSS
33
60
VDD
34
VDD
VDD
35
37
VDD
VDD
36
53
+5 V
GND
GND
GND
+5 V
+
+5 V
+5 V
GND
CH3
CH4
ch2 RST
ch3 RST
ch4 RST
SCK
ch3 SYNC
SOUT Bus
RIN Bus
SIN Bus
ROUT Bus
Terminal side
Line side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com