Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7617 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7617
Description  2-Channel Echo Canceler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7617 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7617 Datasheet HTML 9Page - OKI electronic componets MSM7617 Datasheet HTML 10Page - OKI electronic componets MSM7617 Datasheet HTML 11Page - OKI electronic componets MSM7617 Datasheet HTML 12Page - OKI electronic componets MSM7617 Datasheet HTML 13Page - OKI electronic componets MSM7617 Datasheet HTML 14Page - OKI electronic componets MSM7617 Datasheet HTML 15Page - OKI electronic componets MSM7617 Datasheet HTML 16Page - OKI electronic componets MSM7617 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13/28
¡ Semiconductor
MSM7617
Pin
Symbol
Type
Description
63
ATT2
I
ATT control pin for channel 2.
This pin controls the ATT function for preventing howling with the
attenuators (ATT) provided on RIN and SOUT. When input is only on RIN,
the SOUT attenuator is activated. When there is no input on SIN or there is
input on both SIN and RIN, the RIN input attenuator is activated. Either the
ATT for the RIN output or the ATT for the SOUT is always activated in all
cases, and the attenuation of ATT is 6 dB.
"H": Attenuator off
"L": Attenuator on
Because the attenuator is activated opposite the speaker, it is effective for
further reducing echo.
64
HD2
I
Howling detection control pin for channel 2.
This pin controls detection and canceling of howling generated by the
acoustics of handsfree telephones.
"L": Howling detector on
"H": Howling detector off
61
SIN2
I
PCM data input pin. Pin use changes depending on the setting of the IOM
pins (refer to the block diagram). Data is captured on the falling edge of SCK.
In 2-channel parallel I/O mode, this pin becomes SIN for channel 2 and
inputs the PCM signal synchronous with SYNC2. In 2-channel serial I/O
mode, this pin is not used and should be fixed at "L". In 1-channel cross-
connected mode, this pin becomes the cross-connected SIN pin for channel
2, and inputs the PCM signal synchronous with SYNC1.
62
SOUT2
O
PCM data output pin. Output signal changes depending on the setting of
the IOM pins (refer to the block diagram).
Data is always output on the rising edge of SCK. This pin becomes high
impedance while there is no data.
In 2-channel parallel I/O mode, this pin becomes SOUT for channel 2 and
outputs the PCM signal synchronous with SYNC2. In other modes, this pin
is not used and should be left open.
PIN DESCRIPTIONS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com