Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7617 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM7617
Description  2-Channel Echo Canceler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7617 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM7617 Datasheet HTML 1Page - OKI electronic componets MSM7617 Datasheet HTML 2Page - OKI electronic componets MSM7617 Datasheet HTML 3Page - OKI electronic componets MSM7617 Datasheet HTML 4Page - OKI electronic componets MSM7617 Datasheet HTML 5Page - OKI electronic componets MSM7617 Datasheet HTML 6Page - OKI electronic componets MSM7617 Datasheet HTML 7Page - OKI electronic componets MSM7617 Datasheet HTML 8Page - OKI electronic componets MSM7617 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2/28
¡ Semiconductor
MSM7617
FEATURES
•Echo canceler has two channels, which can be used for acoustic and line echoes. Set as a single
cross-connected channel, it can be used for both acoustic and line echoes.
•ITU-T G164/G165 standard tone disabler.
•PCM line level adjustment possible with SIN level attenuator (SA pin) and SOUT level
amplifier (SG pin). Can also be used for ERL amplification with the SIN level attenuator (SA
pin).
•RGC pin provides input/output adjustment mode (
±6LRmode)thatcanpreventmalfunction
due to excessive inputs without changing the RIN-ROUT input/output levels.
•Cancelable echo delay time:
55 ms (max.)
•Echo attenuation:
30 dB (typ.)
•Clock frequency:
18 to 20 MHz
19.2 MHz if using internal clock signal
•Power supply voltage:
4.5 to 5.5 V
•Package:
64-pin plastic QFP (QFP64-P-1414-0.80-BK)
•Product name:
MSM7617-001GS-BK (m-law)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com