Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # CY62256
Description  Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

CY62256 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  CY62256 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY62256
www.artschip.com
4
Thermal Resistance
Description
Test Conditions
Symbol
DIP
SOIC
TSOP
RTSOP
Unit
Thermal Resistance
(Junction to Ambient)
[5]
JA
75.61
76.56
93.89
93.89
℃/W
Thermal Resistance
(Junction to Case)
[5]
Still Air, soldered on a 4.25 x 1.125
Inch, 4-layer printed circuit board
JC
43.12
36.07
24.64
24.64
℃/W
AC Test Loads and Waveforms
Data Retention Characteristics
Parameter
Description
Conditions[5]
Min.
Typ.[2]
Max.
Unit
VDR
Vcc for Data Retention
2.0
V
L
2
50
µA
LL
0.1
5
µA
LL-Ind’l
0.1
10
µA
ICCDR
Data Retention Current
LL-Auto
Vcc=3.0V,
≥Vcc-0.3V,
VIN
≥Vcc –0.3V, or VIN≤0.3V
0.1
10
µA
tCDR[5]
Chip Deselect to Data Retention Time
0
ns
tR[5]
Operation Recovery Time
tRC
ns
Data Retention Waveform
Notes:
6. No input may exceed Vcc +0.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com