Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # CY62256
Description  Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

CY62256 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  CY62256 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CY62256
www.artschip.com
1
256K (32K x 8) Static RAM
Features
Temperature Ranges
-Commercial:0
℃ to 70℃
-Industrial: -40
℃ to 85℃
-Automotive: -40
℃ to 125℃
High speed: 55ns and 70 ns
Voltage range : 4.5V –5.5V operation
Low active power (70ns, LL version, Com’l and Ind’l)
-275mW (max)
Low standby power (70ns,LL Version, Com’l and Ind’l)
-28 µW (max.)
Easy memory expansion with
and
features
TTL – compatible inputs and outputs
Automatic power-down when deselected
CMOS for optimum speed/power
Package available in a standard 450-mil-wide (300-mil body
width) 28-lead narrow SOIC, 28-lead TSOP-1, 28-lead
reverse TSOP-1, and 600-mial 28-lead PDIP packages.
Functional Description
[1]
The CY62256 is a high-performance CMOS static RAM
organized as 32K words by 8 bits. Easy memory expansion is
provided by an active LOW output enable (
) and active LOW
output enable (
) and three-state drives. This device has an
automatic power-down feature, reducing the power consumption
by 99.9% when deselected.
An active Low write enable signal (
) controls the
writing/reading operation of the memory. When
and
inputs are both LOW, data on the eight data input/output pins
(I/O0 through I/O7) is written into the memory location addressed
by the address present on the address pins (A0 through A14).
Reading the device is accomplished by selecting the device and
enabling the outputs,
and
active LOW while
remains inactive or HIGH. Under these conditions, the contents
of the location addressed by the information on address pins are
present on the eight data input/output pins. The input/output pins
remain in a high-impedance state unless the chip is selected,
outputs are enabled, and write enable (
) is HIGH.
Logic Block Diagram


Similar Part No. - CY62256

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
478Kb / 14P
256K (32K x 8) Static RAM
CY62256-55 CYPRESS-CY62256-55 Datasheet
394Kb / 12P
256K (32K x 8) Static RAM
CY62256-55PC CYPRESS-CY62256-55PC Datasheet
394Kb / 12P
256K (32K x 8) Static RAM
CY62256-55SNC CYPRESS-CY62256-55SNC Datasheet
394Kb / 12P
256K (32K x 8) Static RAM
More results

Similar Description - CY62256

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
Nonvolatile Static RAM
X22C10 XICOR-X22C10 Datasheet
60Kb / 12P
Nonvolatile Static RAM
logo
Advanced Micro Devices
AM9128 AMD-AM9128 Datasheet
429Kb / 10P
2048x8 Static RAM
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
STATIC RAM
logo
Advanced Micro Devices
AM9044 AMD-AM9044 Datasheet
278Kb / 7P
4096x1 Static RAM
logo
Sharp Corporation
LH5164A-10LF SHARP-LH5164A-10LF Datasheet
346Kb / 20P
64K Static RAM
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
STATIC RAM
logo
Cypress Semiconductor
CY7C197N CYPRESS-CY7C197N Datasheet
307Kb / 7P
256Kx1 Static RAM
CY7C150 CYPRESS-CY7C150_03 Datasheet
312Kb / 11P
1Kx4 Static RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com