Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # CY62256
Description  Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

CY62256 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  CY62256 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY62256
www.artschip.com
5
Switching Characteristics
Over the Operating Range
[7]
Cy62256-55
CY62256-70
Parameter
Description
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
55
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
5
5
ns
tACE
LOW to Data valid
55
70
ns
tDOE
LOW to Data valid
25
35
ns
tLZOE
LOW to Low-Z
[8]
5
5
ns
tHZOE
HIGH to High-Z
[8,9]
20
25
ns
tLZOE
LOW to LOW-Z
[8]
5
5
ns
tHZCE
LOW to LOW-Z
[8,9]
20
25
ns
tPU
LOW to Power-up
0
0
ns
tPD
HIGH to Power-down
55
70
ns
Write Cycle
[10,11]
tWC
Write Cycle Time
55
70
ns
tSCE
LOW to Write End
45
60
ns
tAW
Address Set-up to Write End
45
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-up to Write Start
0
0
ns
tPWE
Pulse Width
40
50
ns
tSD
Data Set-up to write End
25
30
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE
LOW to High-Z
[8,9]
20
25
ns
tLZWE
HIGH to Low-Z
[8]
5
5
ns
Switching Waveforms
Read Cycle NO. 1
[12.13]
Notes:
7.Test conditions assume signal transition time of 5 ns or less, timing reference level is of 1.5V, input pulse levels of 0 to 3V, and output
loading of the specified IOL/IOH and 100-pF load capacitance.
8.At any given temperature and voltage condition, tHZCE is less than tLZOE, and tHZOE is less than tHZCE , and tLZWE for any given device.
9.tHZOE, tHZCE, and tHZWE are specified with CL=5pF as in (b) of AC Test Loads. Transition is measured ±500mV from steady-state
voltage.
10.The internal Write time of the memory is defined by the overlap of
LOW and
LOW. Both signals must be Low to initiate a
Write and either signal can terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising
edge of the signal that terminates the Write.
11.The minimum Write cycle time for Write cycle #3 (WE controlled, OE LOW) is the sum of tHZWE and tSD
12.Device is continuously selected.
,
=VIL.
13.
is HIGH for Read cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com