Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48E06 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT48E06
Description  8-Bit I/O Type MCU (With EEPROM)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48E06 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT48E06 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
HT48E06
Rev. 0.00
13
January 12, 2004
Preliminary
The registers status is summarized in the following table.
Register
Reset
(Power On)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
TMR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRC
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
Program
Counter
000H
000H
000H
000H
000H
MP
-xxx xxxx
-uuu uuuu
-uuu uuuu
-uuu uuuu
-uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC
--00 -000
--00 -000
--00 -000
--00 -000
--uu -uuu
WDTS
0000 0111
0000 0111
0000 0111
0000 0111
uuuu uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
---- -111
---- -111
---- -111
---- -111
---- -uuu
PBC
---- -111
---- -111
---- -111
---- -111
---- -uuu
PC
---- --11
---- --11
---- --11
---- --11
---- --uu
PCC
---- --11
---- --11
---- --11
---- --11
---- --uu
EECR
1000 ----
1000 ----
1000 ----
1000 ----
uuuu ----
Note:
²*² stands for ²warm reset²
²u² stands for ²unchanged²
²x² stands for ²unknown²
Timer/Event Counter
A timer/event counter (TMR) is implemented in the
microcontroller. The timer/event counter contains an
8-bit programmable count-up counter and the clock may
come from an external source or from the system clock.
Using an external clock input allows the user to count
external events, measure time internals or pulse widths,
or generate an accurate time base. Using the internal
clock allows the user to generate an accurate time base.
The timer/event counter can generate PFD signals by
using external or internal clock and the PFD frequency
is determine by the equation fINT/[2
´(256-N)].
There are two registers related to the timer/event coun-
ter; TMR ([0DH]), TMRC ([0EH]). Two physical registers
are mapped to TMR location; writing to TMR makes the
starting value be placed in the timer/event counter
preload register and reading TMR retrieves the contents
of the timer/event counter. The TMRC is a timer/event
counter control register, which defines some options.
The TM0, TM1 bits define the operating mode. The
event count mode is used to count external events,
which means that the clock source comes from an exter-
nal (TMR) pin. The timer mode functions as a normal
timer with the clock source coming from the fINT clock.
The pulse width measurement mode can be used to count
the high or low level duration of the external signal (TMR).
The counting is based on the fINT clock.
In the event count or timer mode, once the timer/event
counter starts counting, it will count from the current
contents in the timer/event counter to FFH. Once over-
flow occurs, the counter is reloaded from the timer/event
counter preload register and generates the interrupt re-
quest flag (TF; bit 5 of the INTC) at the same time.
In the pulse width measurement mode with the TON and
TE bits equal to one, once the TMR has received a tran-
sient from low to high (or high to low if the TE bit is
²0²)it
will start counting until the TMR returns to the original
level and resets the TON. The measured result will re-
main in the timer/event counter even if the activated
transient occurs again. In other words, only one cycle
measurement can be done. Until setting the TON, the
cycle measurement will function again as long as it re-
ceives further transient pulse. Note that, in this operat-
ing mode, the timer/event counter starts counting not
according to the logic level but according to the transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com