Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48E06 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT48E06
Description  8-Bit I/O Type MCU (With EEPROM)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48E06 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT48E06 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 38Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 39Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 40Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 41Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 43Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
18-pin DIP (300mil) Outline Dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
895
¾
915
B
240
¾
260
C
125
¾
135
D
125
¾
145
E16
¾
20
F50
¾
70
G
¾
100
¾
H
295
¾
315
I
335
¾
375
a
0
°¾
15
°
HT48E06
Rev. 0.00
39
January 12, 2004
Preliminary
1 8
1
1 0
9
a
A
B
C
D
E
F
G
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com