Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48E06 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48E06
Description  8-Bit I/O Type MCU (With EEPROM)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48E06 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48E06 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
HT48E06
Rev. 0.00
21
January 12, 2004
Preliminary
· WRAL
EEPROM Data Memory Instruction Set Summary
Instruction
Comments
Start bit
Op Code
Address
Data
READ
Read data
1
10
A6~A0
D7~D0
ERASE
Erase data
1
11
A6~A0
¾
WRITE
Write data
1
01
A6~A0
D7~D0
EWEN
Erase/Write Enable
1
00
11XXXXX
¾
EWDS
Erase/Write Disable
1
00
00XXXXX
¾
ERAL
Erase All
1
00
10XXXXX
¾
WRAL
Write All
1
00
01XXXXX
D7~D0
Note:
²X² stands for ²don¢t care²
Options
The following table shows all kinds of options in the microcontroller. All of the options must be defined to ensure having
a properly functioning system.
Items
Options
1
WDT clock source: WDTOSC or fSYS/4 or disable
2
WDT function: enable or disable
3
LVR function: enable or disable
4
CLRWDT instruction: one or two clear WDT instruction(s)
5
System oscillator: RC or crystal
6
Pull-high resistors (PA~PC): none or pull-high
7
BZ function: enable or disable
8
PA0~PA7 wake-up: enable or disable
C S
S K
D O
S t a n d b y
D I
1
( 1 )
t S V
t P R
t C D S
B u s y
R e a d y
V e r i f y
0
D X
D 0
0
0
S t a r t b i t
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com