Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7445 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC7445 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
3
Features
The core is a high-performance superscalar design supporting a double-precision floating-point unit and a SIMD
multimedia unit. The memory storage subsystem supports the MPX bus protocol and a subset of the 60x bus protocol
to main memory and other system resources. The L3 interface supports 1 or 2 Mbytes of external SRAM for L3
cache data.
Note that the MPC7455 is footprint-compatible with the MPC7450 and MPC7451, and the MPC7445 is
footprint-compatible with the MPC7441.
2Features
This section summarizes features of the MPC7455 implementation of the PowerPC architecture.
Major features of the MPC7455 are as follows:
•
High-performance, superscalar microprocessor
— As many as four instructions can be fetched from the instruction cache at a time
— As many as three instructions can be dispatched to the issue queues at a time
— As many as 12 instructions can be in the instruction queue (IQ)
— As many as 16 instructions can be at some stage of execution simultaneously
— Single-cycle execution for most instructions
— One instruction per clock cycle throughput for most instructions
— Seven-stage pipeline control
•
Eleven independent execution units and three register files
— Branch processing unit (BPU) features static and dynamic branch prediction
– 128-entry (32-set, four-way set-associative) branch target instruction cache (BTIC), a cache of
branch instructions that have been encountered in branch/loop code sequences. If a target instruction
is in the BTIC, it is fetched into the instruction queue a cycle sooner than it can be made available
from the instruction cache. Typically, a fetch that hits the BTIC provides the first four instructions
in the target stream.
– 2048-entry branch history table (BHT) with two bits per entry for four levels of
prediction—not-taken, strongly not-taken, taken, and strongly taken
– Up to three outstanding speculative branches
– Branch instructions that do not update the count register (CTR) or link register (LR) are often
removed from the instruction stream.
– Eight-entry link register stack to predict the target address of Branch Conditional to Link Register
(bclr) instructions
— Four integer units (IUs) that share 32 GPRs for integer operands
– Three identical IUs (IU1a, IU1b, and IU1c) can execute all integer instructions except multiply,
divide, and move to/from special-purpose register instructions
– IU2 executes miscellaneous instructions including the CR logical operations, integer multiplication
and division instructions, and move to/from special-purpose register instructions
— Five-stage FPU and a 32-entry FPR file
– Fully IEEE 754-1985-compliant FPU for both single- and double-precision operations
– Supports non-IEEE mode for time-critical operations
– Hardware support for denormalized numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com