Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7445 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
13
Electrical and Thermal Characteristics
Table 5 provides the package thermal characteristics for the MPC7455.
Table 6 provides the DC electrical characteristics for the MPC7455.
Table 5. Package Thermal Characteristics 6
Characteristic
Symbol
Value
Unit
Notes
MPC7445
MPC7455
Junction-to-ambient thermal resistance, natural
convection
RθJA
22
20
°C/W
1, 2
Junction-to-ambient thermal resistance, natural
convection, four-layer (2s2p) board
RθJMA
14
14
°C/W
1, 3
Junction-to-ambient thermal resistance, 200 ft/min
airflow, single-layer (1s) board
RθJMA
16
15
°C/W
1, 3
Junction-to-ambient thermal resistance, 200 ft/min
airflow, four-layer (2s2p) board
RθJMA
11
11
°C/W
1, 3
Junction-to-board thermal resistance
RθJB
66
°C/W
4
Junction-to-case thermal resistance
RθJC
<0.1
<0.1
°C/W
5
Notes:
1. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal
resistance.
2. Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
3. Per JEDEC JESD51-6 with the board horizontal.
4. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method
(MIL SPEC-883 Method 1012.1) with the calculated case temperature. The actual value of RθJC for the part is less
than 0.1°C/W.
6. Refer to Section 9.8, “Thermal Management Information,” for more details about thermal management.
Table 6. DC Electrical Specifications
At recommended operating conditions. See Table 4.
Characteristic
Nominal
Bus
Voltage 1
Symbol
Min
Max
Unit
Notes
Input high voltage
(all inputs except SYSCLK)
1.5
VIH
GVDD × 0.65
GVDD + 0.3
V
6
1.8
VIH
OVDD/GVDD × 0.65 OVDD/GVDD + 0.3
V
2.5
VIH
1.7
OVDD/GVDD + 0.3
V
Input low voltage
(all inputs except SYSCLK)
1.5
VIL
–0.3
GVDD × 0.35
V
6
1.8
VIL
–0.3
OVDD/GVDD × 0.35
V
2.5
VIL
–0.3
0.7
V
SYSCLK input high voltage
CVIH
1.4
OVDD + 0.3
V
SYSCLK input low voltage
CVIL
–0.3
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com