Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD9130CFI Datasheet(PDF) 28 Page - Nuvoton Technology Corporation

Part # ISD9130CFI
Description  ISD9160 Technical Reference Manual
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD9130CFI Datasheet(HTML) 28 Page - Nuvoton Technology Corporation

Back Button ISD9130CFI Datasheet HTML 24Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 25Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 26Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 27Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 28Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 29Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 30Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 31Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 32Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 415 page
background image
ISD9160 Technical Reference Manual
Release Date: Mar 30, 2016
- 28 -
Revision V1.41
GPIOB Input Type Control Register (SYS_PBSMTEN)
Register
Offset
R/W
Description
Reset Value
SYS_PBSMTEN
SYS_BA+0x34
R/W
GPIOB input type control register
0x0000_0000
31
30
29
28
27
26
25
24
Reserved
23
22
21
20
19
18
17
16
SMTEN [7:0]
15
14
13
12
11
10
9
8
Reserved
7
6
5
4
3
2
1
0
Reserved
Table 5-6 GPIOB Input Type Control Register (SYS_PBSMTEN address 0x5000_0034) Bit
Description.
Bits
Description
[n]
n=16,17..23
SMTEN
Schmitt Trigger
This register controls whether the GPIO input buffer Schmitt trigger is enabled.
0= GPIOB(port 0 ~ port 7) I/O input Schmitt Trigger disabled
1= GPIOB(port 0 ~ port 7) I/O input Schmitt Trigger enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com