Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9004 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM9004
Description  1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9004 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM9004 Datasheet HTML 2Page - OKI electronic componets MSM9004 Datasheet HTML 3Page - OKI electronic componets MSM9004 Datasheet HTML 4Page - OKI electronic componets MSM9004 Datasheet HTML 5Page - OKI electronic componets MSM9004 Datasheet HTML 6Page - OKI electronic componets MSM9004 Datasheet HTML 7Page - OKI electronic componets MSM9004 Datasheet HTML 8Page - OKI electronic componets MSM9004 Datasheet HTML 9Page - OKI electronic componets MSM9004 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
¡ Semiconductor
MSM9004-01/02
6/15
PIN DESCRIPTIONS
Pin
Symbol
Type
Connected to
Description
CLOCK1
OSC
DATA
CLOCK2
LOAD
BLANK
3/4SEL
COM1-4
VLC1
SEG1-49
56
I
Micro-
controller
56
I
External
resistor
Capacitor
52
I
Micro-
controller
51
I
Micro-
controller
53
I
Micro-
controller
50
I
54
I
61 to 64
O
LCD
1 to 49
O
LCD
60
Power
supply
55
Power
supply
59
57
58
VLC2
VLC3
VDD
VSS
OSC
VSS
VDD
—
—
—
—
1
*1
*2
System clock input pin.
For details, see "MSM9004-02 Oscillation Circuit Characteristics".
Pin for oscillation.
Connecting the external resistor and capacitor to
configure the oscillation circuit.
Connect the resistor and capacitor as shown in the
right figure.
Make the length of wiring between this pin and the
external resistor and capacitor as short as passible.
Serial data input.
For details on the configuration of input data, see "Data Configuration".
Shift clock input (Schmitt circuit included).
Input data is read synchronizing with the rising edge of this clock.
Load signal input (Schmitt circuit included).
Serial input data is transferred to the display latch when this LOAD
signal is at a "H" level.
Input pin for turning off all segments.
All segments turn off, regardless of the display data, when this pin is
at a "L" level, and all segments return to the status before turning off.
Input pin for selecting 1/3 or 1/4 duty.
1/3 duty drive is selected when this pin is at a "H" level, and 1/4 duty
drive is selected when this pin is at a "L" level.
LCD common outputs.
Leave COM4 open for 1/3 duty drive.
LCD segment outputs.
Bias power supply pins for driving the LCD.
Conditions for bias voltage are as follows :
Power supply pins.
Normally used as VDD = 4.5 to 5.5 V and Vss = 0 V.
3.7V £ VDD – VLC3 £ 5.5V
VLC1 = VDD – 3 (VDD – VLC3)
VLC2 = VDD – 3 (VDD – VLC3)
VLC3 ≥ VSS
2
*1: Applied to MSM9004-01.
*2: Applied to MSM9004-02.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com