Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9004 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM9004
Description  1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9004 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM9004 Datasheet HTML 1Page - OKI electronic componets MSM9004 Datasheet HTML 2Page - OKI electronic componets MSM9004 Datasheet HTML 3Page - OKI electronic componets MSM9004 Datasheet HTML 4Page - OKI electronic componets MSM9004 Datasheet HTML 5Page - OKI electronic componets MSM9004 Datasheet HTML 6Page - OKI electronic componets MSM9004 Datasheet HTML 7Page - OKI electronic componets MSM9004 Datasheet HTML 8Page - OKI electronic componets MSM9004 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
¡ Semiconductor
MSM9004-01/02
1/15
¡ Semiconductor
MSM9004-01/02
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
GENERAL DESCRIPTION
The MSM 9004-01/02 is an LCD driver for dynamic display with a 1/3 or 1/4 duty select function.
When the 1/3 duty is selected, it can display up to 147 segments, and when the 1/4 duty is
selected, up to 196 segments.
FEATURES
• Logic power supply voltage (VDD)
: 5.0 V
± 10%
• LCD drive power supply voltage (VLCD)
: 3.7 V to 5.5 V
• Serial transfer clock frequency
: 2 MHz max.
• LCD output resistance
Common driver
: 20 kW
Segment driver
: 60 kW
• Display duty
: 1/3, 1/4 selectable
• LCD segment output
: 49
• Maximum number of display segments
For 1/3 duty
: 147 segments max.
For 1/4 duty
: 196 segments max.
• Display blanking terminal attached
• Operating temperature range
: –40 to +85˚C
• Interface with microcontroller
MSM9004-01
: LOAD, DATA, CLOCK1, CLOCK2
MSM9004-02
: LOAD, DATA, CLOCK2
• System clock
MSM9004-01
: external input
MSM9004-02
: internal oscillation circuit (external resistor
and capacitor required)
• Package:
64-pin plastic QFP (QFP64-P-1414-0.80-BK)
(Product name : MSM9004-01GS-BK)
(Product name : MSM9004-02GS-BK)
• Comparison of device codes and functions
E2B0014-27-Y2
Function
MSM9004-01
Device code
MSM9004-02
MSM9004-03
MSM9004-04
LCD segment
50
49
Duty
1/3
1/4
External input
Internal oscillation
circuit
System clock
output
—
—
—
—
—
—
—
—
—
—
This version: Nov. 1997
Previous version: Mar. 1996


Similar Part No. - MSM9004

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9004 OKI-MSM9004 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9004-03 OKI-MSM9004-03 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9004-04 OKI-MSM9004-04 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
More results

Similar Description - MSM9004

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6775 OKI-MSM6775 Datasheet
113Kb / 13P
1/3, 1/4, 1/5 DUTY LCD DRIVER WITH 5-DOT COMMON DRIVER AND 80-DOT
MSM6786 OKI-MSM6786 Datasheet
192Kb / 17P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER
MSM9004-03 OKI-MSM9004-03 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6660-01 OKI-MSM6660-01 Datasheet
167Kb / 18P
1/2, 1/3 DUTY LCD DRIVER WITH 3-DOT COMMON DRIVER AND 62-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com