Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9004 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM9004
Description  1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9004 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM9004 Datasheet HTML 7Page - OKI electronic componets MSM9004 Datasheet HTML 8Page - OKI electronic componets MSM9004 Datasheet HTML 9Page - OKI electronic componets MSM9004 Datasheet HTML 10Page - OKI electronic componets MSM9004 Datasheet HTML 11Page - OKI electronic componets MSM9004 Datasheet HTML 12Page - OKI electronic componets MSM9004 Datasheet HTML 13Page - OKI electronic componets MSM9004 Datasheet HTML 14Page - OKI electronic componets MSM9004 Datasheet HTML 15Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
¡ Semiconductor
MSM9004-01/02
11/15
FUNCTIONAL DESCRIPTION
Display Data Input
D48 D47 D46 D45
D2
D49
D1
0
0
0
C1
C2
C3
C4
LCD display bit
(49 bits)
Dummy bit
(3 bits)
Select bit
(4 bits)
CLOCK2
DATA
LOAD
Note:
Always set a logic "0" to the dummy bit.
LCD Display Bit - LCD Panel Lighting Status Correspondence Table
LCD display bit
(D1 to D49)
LCD panel lighting
status
1ON
0
OFF
LCD Display Bit - Segment Output Correspondence Table
D49
SEG49
D48
SEG48
D47
SEG47
D46
SEG46
D45
SEG45
D2
SEG2
D1
SEG1
LCD display bit
Segment output
Select Bit - Data Latch Correspondence Table
0001
C4
C3
C2
C1
0010
0100
1000
Display data writing
data latch
Corresponding
common output
Data latch 1
Data latch 2
Data latch 3
Data latch 4
COM1
COM2
COM3
COM4
The select bits C1 to C4 select Data latch 1 to Data latch 4 corresponding to COM 1 to COM 4
independently. If logic "1s" are selected to multiple select bits, the LCD display bits are written
to all corresponding data latches.
Example:
When logic "1s" are set to all select bits C1 to C4, and logic "0s" are set to all LCD display bits D1
to D49, logic "0s" are written to Data latch 1 to Data latch 4 by one data input. This leads to turning
off the entire LCD panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com